Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV824 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV824
Description  Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV824 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMV824 Datasheet HTML 3Page - National Semiconductor (TI) LMV824 Datasheet HTML 4Page - National Semiconductor (TI) LMV824 Datasheet HTML 5Page - National Semiconductor (TI) LMV824 Datasheet HTML 6Page - National Semiconductor (TI) LMV824 Datasheet HTML 7Page - National Semiconductor (TI) LMV824 Datasheet HTML 8Page - National Semiconductor (TI) LMV824 Datasheet HTML 9Page - National Semiconductor (TI) LMV824 Datasheet HTML 10Page - National Semiconductor (TI) LMV824 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
5V AC Electrical Characteristics (Continued)
Typical Performance Characteristics Unless otherwise specified, V
S = +5V, single supply, TA = 25˚C.
Supply Current vs Supply Voltage
(LMV821)
DS100128-1
Input Current vs Temperature
DS100128-2
Sourcing Current vs Output
Voltage (V
S=2.7V)
DS100128-3
Sourcing Current vs Output
Voltage (V
S=5V)
DS100128-4
Sinking Current vs Output Voltage
(V
S=2.7V)
DS100128-5
Sinking Current vs Output Voltage
(V
S=5V)
DS100128-6
Output Voltage Swing vs Supply
Voltage (R
L=10kΩ)
DS100128-7
Output Voltage Swing vs Supply
Voltage (R
L=2kΩ)
DS100128-86
Output Voltage Swing vs Supply
Voltage (R
L=600Ω)
DS100128-8
www.national.com
7


Similar Part No. - LMV824

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV824 ONSEMI-LMV824 Datasheet
794Kb / 16P
   Single, Dual, Quad Low Voltage, Rail-to-Rail Operational Amplifiers
October, 2009 ??Rev. 1
logo
Texas Instruments
LMV824 TI-LMV824 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LMV824 STMICROELECTRONICS-LMV824 Datasheet
663Kb / 32P
   Tiny packages
April 2017 Rev 4
logo
Texas Instruments
LMV824-N TI1-LMV824-N Datasheet
2Mb / 37P
[Old version datasheet]   LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
LMV824-N TI-LMV824-N Datasheet
2Mb / 46P
[Old version datasheet]   LMV82x Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
More results

Similar Description - LMV824

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV821-N TI1-LMV821-N_16 Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV821-N TI-LMV821-N_15 Datasheet
2Mb / 46P
[Old version datasheet]   LMV82x Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV821 TI1-LMV821 Datasheet
1Mb / 26P
[Old version datasheet]   Single/ LMV822 Dual/ LMV824 Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
OPA863 TI-OPA863_V07 Datasheet
3Mb / 52P
[Old version datasheet]   OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input/Output Voltage-Feedback Op Amps
REVISED JUNE 2023
logo
Maxim Integrated Produc...
MAX9943 MAXIM-MAX9943_11 Datasheet
613Kb / 15P
   High-Voltage, Precision, Low-Power Op Amps Rail-to-Rail Output
Rev 3; 4/11
MAX9943 MAXIM-MAX9943 Datasheet
275Kb / 15P
   High-Voltage, Precision, Low-Power Op Amps
Rev 2; 6/09
MAX9943 MAXIM-MAX9943_V01 Datasheet
1Mb / 11P
   High-Voltage, Precision, Low-Power Op Amps
2017
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Maxim Integrated Produc...
MAX4100 MAXIM-MAX4100 Datasheet
144Kb / 12P
   500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
logo
Analog Devices
ADA4853-1 AD-ADA4853-1_14 Datasheet
534Kb / 20P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com