Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805C104K5RACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0805C104K5RACTU
Description  Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C104K5RACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0805C104K5RACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - b1592165-a7d3-4bcd-b6f5-0ac66c2e59e5
KEMET Part Number: C0805C104K5RACTU
(C0805C104K5RAC7800)
Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
Dimensions
L
2mm +/-0.2mm
W
1.25mm +/-0.2mm
T
0.78mm +/-0.10mm
S
0.75mm MIN
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 0805
Description: SMD, MLCC, Temperature
Stable, Class II
Features: Temperature Stable, Class II
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
48 hours
Specifications
Capacitance: 0.1 uF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 5 GOhms
Dielectric Strength: 125 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0805C104K5RACTU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
C0805C104K5RACTU TI1-C0805C104K5RACTU Datasheet
332Kb / 14P
[Old version datasheet]   ISO5500EVM
logo
Analog Devices
C0805C104K5RACTU AD-C0805C104K5RACTU Datasheet
2Mb / 32P
   EVAL-AD7903SDZ User Guide UG-609
REV. 0
logo
Fairchild Semiconductor
C0805C104K5RACTU FAIRCHILD-C0805C104K5RACTU Datasheet
1Mb / 28P
   FEBSPM3SPM45-M01MTCA Motion SPM3 45H Evaluation Board
More results

Similar Description - C0805C104K5RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C104J5RACTU KEMET-C0805C104J5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 5%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C104K3RACTU KEMET-C0805C104K3RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 25 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C104K1RACTU KEMET-C0805C104K1RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 100 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C104K4RACTU KEMET-C0805C104K4RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 16 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C104K5RALTU KEMET-C0603C104K5RALTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C104K5RACTM KEMET-C1206C104K5RACTM Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C104K5RACTU KEMET-C0603C104K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C1210C104K5RACTU KEMET-C1210C104K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 50 V, 1210, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C104K5RAC7081 KEMET-C0603C104K5RAC7081 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C1812C104K5RACTU KEMET-C1812C104K5RACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 50 V, 1812, X7R, SMD, MLCC, Temperature Stable, Class II
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com