Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805C103KCRACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0805C103KCRACTU
Description  Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 500 V, 0805, X7R, SMD, MLCC, High Voltage, Temperature Stable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C103KCRACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0805C103KCRACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - d65fd97d-0143-4b75-99fc-d6011c206a75
KEMET Part Number: C0805C103KCRACTU
(C0805C103KCRAC7800, C0805C103KCRACTR)
Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 500 V, 0805, X7R, SMD, MLCC, High Voltage, Temperature Stable
Dimensions
L
2mm +/-0.2mm
W
1.25mm +/-0.2mm
T
1.25mm +/-0.15mm
S
0.75mm MIN
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 2500
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 0805
Description: SMD, MLCC, High Voltage,
Temperature Stable
Features: High Voltage
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Specifications
Capacitance: 0.01 uF
Capacitance Tolerance: 10%
Voltage DC: 500 VDC
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 10 GOhms
Dielectric Strength: 750 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0805C103KCRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C103KCRACTU KEMET-C0805C103KCRACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.01 uF, /-10% Tol, 500 V, X7R, 0805 (2012 metric)
More results

Similar Description - C0805C103KCRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C103KCRACTU KEMET-C1206C103KCRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 500 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1210C103KCRACTU KEMET-C1210C103KCRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 500 V, 1210, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1812C103KCRACTU KEMET-C1812C103KCRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 500 V, 1812, X7R, SMD, MLCC, High Voltage, Temperature Stable
C0805C103K2RACTU KEMET-C0805C103K2RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 200 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C103K5RACTU KEMET-C0805C103K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C103K1RACTU KEMET-C0805C103K1RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 100 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C103K5RALTU KEMET-C0805C103K5RALTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C103K4RACTU KEMET-C0805C103K4RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 16 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C103K3RACTU KEMET-C0805C103K3RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 25 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C1812C103KDRACTU KEMET-C1812C103KDRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 1,000 V, 1812, X7R, SMD, MLCC, High Voltage, Temperature Stable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com