Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MJ3281A Datasheet(PDF) 2 Page - Motorola, Inc

Part No. MJ3281A
Description  COMEPLEMENTARY NPN-PNP SILICON POWER BOPOLAR TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ3281A Datasheet(HTML) 2 Page - Motorola, Inc

  MJ3281A Datasheet HTML 1Page - Motorola, Inc MJ3281A Datasheet HTML 2Page - Motorola, Inc MJ3281A Datasheet HTML 3Page - Motorola, Inc MJ3281A Datasheet HTML 4Page - Motorola, Inc MJ3281A Datasheet HTML 5Page - Motorola, Inc MJ3281A Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJ3281A MJ1302A
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage
(IC = 100 mAdc, IB = 0)
VCEO(sus)
200
Vdc
Emitter–Base Voltage
(IE = 100 µAdc, IC = 0)
VEBO
7
Vdc
Collector Cutoff Current
(VCB = 200 Vdc, IE = 0)
ICBO
50
µAdc
Emitter Cutoff Current
(VEB = 5 Vdc, IC = 0)
IEBO
5
µAdc
Emitter Cutoff Current
(VEB = 7 Vdc, IC = 0)
IEBO
25
µAdc
SECOND BREAKDOWN
Second Breakdown Collector with Base Forward Biased
(VCE = 50 Vdc, t = 1 s (non–repetitive)
(VCE = 100 Vdc, t = 1 s (non–repetitive)
IS/b
4
1
Adc
ON CHARACTERISTICS
DC Current Gain
(IC = 100 mAdc, VCE = 5 Vdc)
(IC = 1 Adc, VCE = 5 Vdc)
(IC = 3 Adc, VCE = 5 Vdc)
(IC = 5 Adc, VCE = 5 Vdc)
(IC = 7 Adc, VCE = 5 Vdc)
(IC = 8 Adc, VCE = 5 Vdc)
(IC = 15 Adc, VCE = 5 Vdc)
hFE
60
60
60
60
60
45
12
125
115
35
175
175
175
175
175
Collector–Emitter Saturation Voltage
(IC = 10 Adc, IB = 1 Adc)
VCE(sat)
3
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = 1 Adc, VCE = 5 Vdc, ftest = 1 MHz)
fT
30
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, ftest = 1 MHz)
Cob
600
pF
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2%.


Similar Part No. - MJ3281A

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
More results

Similar Description - MJ3281A

ManufacturerPart No.DatasheetDescription
Weitron Technology
Weitron Technology
TIP120 WEITRON-TIP120 Datasheet
768Kb / 3P
   PNP/NPN Silicon Power Transistor
Micro Electronics
Micro Electronics
2SA816 MICRO-ELECTRONICS-2SA816 Datasheet
112Kb / 2P
   PNP/NPN SILICON PLANAR EPITAXIAL POWER TRANSISTOR
NEC
NEC
2SA1006 NEC-2SA1006 Datasheet
194Kb / 4P
   PNP/NPN SILICON EPITAXIAL TRANSISTOR
List of Unclassifed Manufacturers
List of Unclassifed Man...
2SA985A ETC-2SA985A Datasheet
88Kb / 1P
   PNP/NPN SILICON EPITAXIAL TRANSISTOR
2SA1383 ETC-2SA1383 Datasheet
33Kb / 1P
   PNP/NPN SILICON EPITAXIAL TRANSISTOR
2SA1220 ETC-2SA1220 Datasheet
35Kb / 1P
   PNP/NPN SILICON EPITAXIAL TRANSISTOR
2SA607 ETC-2SA607 Datasheet
69Kb / 1P
   PNP/NPN SILICON EPITAXIAL TRANSISTOR
SSM25G45EM ETC1-SSM25G45EM Datasheet
256Kb / 4P
   N-CHANNEL INSULATED-GATE BOPOLAR TRANSISTOR
2SA634 ETC-2SA634 Datasheet
47Kb / 1P
   PNP / NPN EPITAXIAL SILICON TRANSISTOR
Infineon Technologies AG
Infineon Technologies A...
BC817UPN INFINEON-BC817UPN Datasheet
137Kb / 4P
   NPN/PNP Silicon Transistor Array
Aug-21-2002
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz