Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MJ3281A Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MJ3281A
Description  COMEPLEMENTARY NPN-PNP SILICON POWER BOPOLAR TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ3281A Datasheet(HTML) 4 Page - Motorola, Inc

  MJ3281A Datasheet HTML 1Page - Motorola, Inc MJ3281A Datasheet HTML 2Page - Motorola, Inc MJ3281A Datasheet HTML 3Page - Motorola, Inc MJ3281A Datasheet HTML 4Page - Motorola, Inc MJ3281A Datasheet HTML 5Page - Motorola, Inc MJ3281A Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJ3281A MJ1302A
4
Motorola Bipolar Power Transistor Device Data
PNP MJ1302A
Figure 7. Typical Base–Emitter Voltage
IC, COLLECTOR CURRENT (AMPS)
10
1.8
1.4
1
TJ = 25°C
NPN MJ3281A
Figure 8. Typical Base–Emitter Voltage
IC, COLLECTOR CURRENT (AMPS)
3.2
0
PNP MJ1302A
Figure 9. Typical Output Characteristics
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0
NPN MJ3281A
Figure 10. Typical Output Characteristics
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
20
12
0
Figure 11. Forward Bias Safe Operating Area (FBSOA)
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
100
10
0.1
100
10
1
1000
1 s
250 ms
1.6
1.2
11
12
13
14
15
16
17
18
19
20
0
2
4
6
8
10
12
14
16
18
20
TJ = 25°C
20
12
0
16
8
4
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9
10
16
8
4
1
TJ = 25°C
TJ = 25°C
IB = 1 A
0.2 A
IB = 1 A
0.8 A
0.6 A
0.2 A
2.8
2.4
2
1.6
1.2
0.8
0.4
0.8 A
There are two limitations on the power handling ability of a
transistor; average junction temperature and secondary
breakdown. Safe operating area curves indicate IC – VCE
limits of the transistor that must be observed for reliable op-
eration; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 11 is based on TJ(pk) = 200°C; TC is
variable depending on conditions. At high case tempera-
tures, thermal limitations will reduce the power than can be
handled to values less than the limitations imposed by se-
cond breakdown.
0.4 A
0.6 A
0.4 A
TYPICAL CHARACTERISTICS


Similar Part No. - MJ3281A

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
More results

Similar Description - MJ3281A

ManufacturerPart No.DatasheetDescription
Weitron Technology
Weitron Technology
TIP120 WEITRON-TIP120 Datasheet
768Kb / 3P
   PNP/NPN Silicon Power Transistor
Micro Electronics
Micro Electronics
2SA816 MICRO-ELECTRONICS-2SA816 Datasheet
112Kb / 2P
   PNP/NPN SILICON PLANAR EPITAXIAL POWER TRANSISTOR
NEC
NEC
2SA1006 NEC-2SA1006 Datasheet
194Kb / 4P
   PNP/NPN SILICON EPITAXIAL TRANSISTOR
List of Unclassifed Manufacturers
List of Unclassifed Man...
2SA985A ETC-2SA985A Datasheet
88Kb / 1P
   PNP/NPN SILICON EPITAXIAL TRANSISTOR
2SA1383 ETC-2SA1383 Datasheet
33Kb / 1P
   PNP/NPN SILICON EPITAXIAL TRANSISTOR
2SA1220 ETC-2SA1220 Datasheet
35Kb / 1P
   PNP/NPN SILICON EPITAXIAL TRANSISTOR
2SA607 ETC-2SA607 Datasheet
69Kb / 1P
   PNP/NPN SILICON EPITAXIAL TRANSISTOR
SSM25G45EM ETC1-SSM25G45EM Datasheet
256Kb / 4P
   N-CHANNEL INSULATED-GATE BOPOLAR TRANSISTOR
2SA634 ETC-2SA634 Datasheet
47Kb / 1P
   PNP / NPN EPITAXIAL SILICON TRANSISTOR
Infineon Technologies AG
Infineon Technologies A...
BC817UPN INFINEON-BC817UPN Datasheet
137Kb / 4P
   NPN/PNP Silicon Transistor Array
Aug-21-2002
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz