Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5576 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK5576
Description  6-Channel Differential 32-bit ADC
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5576 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK5576 Datasheet HTML 2Page - Asahi Kasei Microsystems AK5576 Datasheet HTML 3Page - Asahi Kasei Microsystems AK5576 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5576 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5576 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5576 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5576 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5576 Datasheet HTML 9Page - Asahi Kasei Microsystems AK5576 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
[AK5576]
015016912-E-01
2016/01
- 6 -
No.
Pin Name
I/O
Function
Power Down
Status
35
TDMIN
I
TDM Data Input Pin in PCM Mode
This pin is pulled down by 100 k
Ω internally
-
DSDOR1
O
Audio Serial Data Output Pin for AIN2 in DSD Mode
This pin is pulled down by 100 k
Ω internally
Hi-z
36
SDTO1
O Audio Serial Data Output Pin for AIN1 and AIN2 in PCM Mode
L
DSDOL2
O Audio Serial Data Output Pin for AIN3 in DSD Mode
L
37
SDTO2
O Audio Serial Data Output Pin for AIN3 and AIN4 in PCM Mode
L
DSDOR2
O Audio Serial Data Output Pin for AIN4 in DSD Mode
L
38
SDTO3
O Audio Serial Data Output Pin for AIN5 and AIN6 in PCM Mode
L
DSDOL3
O Audio Serial Data Output Pin for AIN5 in DSD Mode
L
39 DSDOR3
O Audio Serial Data Output Pin for AIN6 in DSD Mode
L
40 TESTO1
O Test Output Pin1
Hi-Z
41 TESTO2
O Test Output Pin2
Hi-Z
42 OVF
O Analog Input Over Flow Flag Output Pin
L
43
CKS0
I
Clock Mode Select Pin
-
SDA
I/O Control Data I/O Pin in I2C Bus Serial Control Mode
Hi-z
CDTI
I
Control Data Input Pin in 3-wire Serial Control Mode
-
44
CKS1
I
Clock Mode Select Pin
-
CAD0_I2C
I
Chip Address 0 Pin in I2C Bus Serial Control Mode
-
CSN
I
Chip Select Pin in 3-wire Serial Control Mode
-
45
CKS2
I
Clock Mode Select Pin
-
SCL
I
Control Data Clock Pin in I2C Bus Serial Control Mode
-
CCLK
I
Control Data Clock Pin in 3-wire Serial Control Mode
-
46
CKS3
I
Clock Mode Select Pin
-
CAD1
I
Chip Address 1 Pin in I2C Bus or 3-wire Serial Control Mode
-
47
SLOW
I
Slow Roll-OFF Digital Filter Select Pin in PCM Mode
-
DCKB
I
Polarity of DCLK Pin in DSD Mode
-
48
SD
I
Short Delay Digital Filter Select Pin in PCM Mode
-
PMOD
I
DSD Phase Modulation Mode Select Pin in DSD Mode
-
49
DIF0
I
Audio Data Format Select Pin in PCM Mode
“L”: MSB justified, “H”: I2S
-
DSDSEL0
I
DSD Sampling Rate Control Pin in DSD Mode
-
50
DIF1
I
Audio Data Format Select Pin in PCM Mode
“L”: 24-bit Mode, “H”: 32-bit Mode
-
DSDSEL1
I
DSD Sampling Rate Control Pin in DSD Mode
-
51 TDM0
I
TDM I/F Format Select Pin
*
This pin must be fixed to “L” when using DSD mode.
-
52 TDM1
I
TDM I/F Format Select Pin
*
This pin must be fixed to “L” when using DSD mode.
-
53
PSN
I
Control Mode Select Pin (I2C pin =
“H”)
“L”:I2C Bus Serial Control Mode, “H” :Parallel Control Mode
-
CAD0_SPI
I
Chip Address 0 Pin in 3-wire Serial Control Mode (I2C pin =
“L”)
-
54 I2C
I
Control Mode Select Pin
“L”: 3-wire Serial Control Mode
“H”: I2C Bus Serial Control Mode or Parallel Control Mode
-
55 DP
I
DSD Mode Enable Pin
“L”: PCM Mode, “H”: DSD Mode
-


Similar Part No. - AK5576

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5576EN AKM-AK5576EN Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
logo
HuaXinAn Electronics CO...
AK5576VN HUAXINAN-AK5576VN Datasheet
135Kb / 5P
   ADC with 4Filters
logo
Asahi Kasei Microsystem...
AK5576VN AKM-AK5576VN Datasheet
135Kb / 5P
   120dB 768kHz 32-bit 6ch ?꾬걪 ADC with 4Filters
More results

Similar Description - AK5576

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5556 AKM-AK5556 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5536VN AKM-AK5536VN Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5576EN AKM-AK5576EN Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5536 AKM-AK5536 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com