Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2310U Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2310U
Description  PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2310U Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LMX2310U Datasheet HTML 15Page - National Semiconductor (TI) LMX2310U Datasheet HTML 16Page - National Semiconductor (TI) LMX2310U Datasheet HTML 17Page - National Semiconductor (TI) LMX2310U Datasheet HTML 18Page - National Semiconductor (TI) LMX2310U Datasheet HTML 19Page - National Semiconductor (TI) LMX2310U Datasheet HTML 20Page - National Semiconductor (TI) LMX2310U Datasheet HTML 21Page - National Semiconductor (TI) LMX2310U Datasheet HTML 22Page - National Semiconductor (TI) LMX2310U Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Charge Pump Measurement Definitions
20043837
I1=CPo sink current at VCPo =VP − ∆V
I2=CPo sink current at VCPo =VP/2
I3=CPo sink current at VCPo = ∆V
I4=CPo source current at VCPo =VP − ∆V
I5=CPo source current at VCPo =VP/2
I6=CPo source current at VCPo = ∆V
∆V = 0.5V
Charge Pump Output Current Magnitude Variation Vs Charge Pump Output Voltage
20043863
Charge Pump Output Current Sink Vs Charge Pump Output Current Source Mismatch
20043864
Charge Pump Output Current Magnitude Variation Vs Temperature
20043865
www.national.com
19


Similar Part No. - LMX2310U

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2314 NSC-LMX2314 Datasheet
371Kb / 20P
   1.2 GHz Frequency Synthesizer for RF Personal Communications
LMX2314M NSC-LMX2314M Datasheet
371Kb / 20P
   1.2 GHz Frequency Synthesizer for RF Personal Communications
LMX2314MX NSC-LMX2314MX Datasheet
371Kb / 20P
   1.2 GHz Frequency Synthesizer for RF Personal Communications
LMX2315 NSC-LMX2315 Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2315 NSC-LMX2315 Datasheet
371Kb / 20P
   1.2 GHz Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2310U

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2377U NSC-LMX2377U Datasheet
3Mb / 44P
   PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2335U NSC-LMX2335U Datasheet
3Mb / 48P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2332U NSC-LMX2332U Datasheet
3Mb / 42P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306 Datasheet
300Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com