Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-0401-B00xx Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-0401-B00xx
Description  Rectangular light emitting surface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-0401-B00xx Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-0401-B00xx Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-0401-B00xx Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-0401-B00xx Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-0401-B00xx Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-0401-B00xx Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-0401-B00xx Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-0401-B00xx Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-0401-B00xx Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Figure 1. Relative intensity vs. wavelength.
Electrical/Optical Characteristics at TA = 25°C
Sym.
Description
HLMP-R100
HLMP-0301
HLMP-0401
HLMP-0504
Units
Test
Conditions
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
2
q1/2
Included Angle
Between Half
Luminous
Intensity Points
100
100
100
100
Deg.
Note 1.
Fig. 6
lP
Peak Wavelength
645
635
583
565
nm
Measure-
ment at
Peak
ld
Dominant
Wavelength
637
626
585
569
nm
Note 2.
Dl1/2
Spectral Line
Halfwidth
20
40
36
28
nm
ts
Speed of Response
30
90
90
500
ns
C
Capacitance
30
16
18
18
pF
VF = 0;
f = 1 MHz
R
qJ-PIN Thermal Resistance
260
260
260
260
°C/W
Junction
to Cathode
Lead
VF
Forward Voltage
1.8
2.2
1.9
2.6
2.1
2.6
2.2
3.0
V
IF = 20 mA
Figure 2.
VR
Reverse Breakdown
Voltage
5.0
5.0
5.0
5.0
V
IR = 100 μA
hv
Luminous Efficacy
80
145
500
595
lm/W
Note 3.
Notes:
1.
q1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. The dominant wavelength,
ld, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the
device.
3. Radiant intensity, Ie, in watts/steradian, may be found from the equation Ie = Iv/hv, where Iv is the luminous intensity in candelas and hv is the
luminous efficacy in lumens/watt.
HIGH EFFICIENCY RED
WAVELENGTH – nm
1.0
0.5
0
500
550
600
650
700
750
YELLOW
GREEN
TA = 25 °C
AlGaAs RED


Similar Part No. - HLMP-0401-B00xx

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-0401-B00XX BOARDCOM-HLMP-0401-B00XX Datasheet
223Kb / 8P
   2.5 mm x 7.6 mm Rectangular LED Lamps
More results

Similar Description - HLMP-0401-B00xx

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-SH05 AVAGO-HLMA-SH05 Datasheet
97Kb / 3P
   Rectangular light emitting surface
logo
Fairchild Semiconductor
QEB441TR FAIRCHILD-QEB441TR Datasheet
127Kb / 4P
   SURFACE MOUNT INFRARED LIGHT EMITTING DIODE
QEB441 FAIRCHILD-QEB441 Datasheet
121Kb / 4P
   SURFACE MOUNT INFRARED LIGHT EMITTING DIODE
logo
NEC
SE310 NEC-SE310 Datasheet
58Kb / 2P
   LIGHT EMITTING
logo
Lite-On Technology Corp...
LTL-57173HR LITEON-LTL-57173HR Datasheet
134Kb / 5P
   RECTANGULAR LIGHT BAR
LTL-2450Y LITEON-LTL-2450Y Datasheet
135Kb / 5P
   RECTANGULAR LIGHT BAR
LTL-2685HR LITEON-LTL-2685HR Datasheet
143Kb / 5P
   RECTANGULAR LIGHT BAR
logo
NTE Electronics
NTE30002 NTE-NTE30002 Datasheet
73Kb / 2P
   Light Emitting Diode (LED) 0805 Surface Mount
NTE30074 NTE-NTE30074 Datasheet
92Kb / 3P
   Light Emitting Diode (LED) 1206 Surface Mount
logo
Lite-On Technology Corp...
LTL-2755Y LITEON-LTL-2755Y Datasheet
136Kb / 5P
   RECTANGULAR LIGHT BAR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com