Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC2129 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC2129
Description  Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and CAN
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2129 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC2129 Datasheet HTML 1Page - NXP Semiconductors LPC2129 Datasheet HTML 2Page - NXP Semiconductors LPC2129 Datasheet HTML 3Page - NXP Semiconductors LPC2129 Datasheet HTML 4Page - NXP Semiconductors LPC2129 Datasheet HTML 5Page - NXP Semiconductors LPC2129 Datasheet HTML 6Page - NXP Semiconductors LPC2129 Datasheet HTML 7Page - NXP Semiconductors LPC2129 Datasheet HTML 8Page - NXP Semiconductors LPC2129 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LPC2119/LPC2129
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP
Flash with 10-bit ADC and CAN
Rev. 03 — 22 December 2004
Product data
1.
General description
The LPC2119/LPC2129 are based on a 16/32 bit ARM7TDMI-S™ CPU with real-time
emulation and embedded trace support, together with 128/256 kilobytes (kB) of
embedded high speed flash memory. A 128-bit wide memory interface and a unique
accelerator architecture enable 32-bit code execution at maximum clock rate. For
critical code size applications, the alternative 16-bit Thumb® Mode reduces code by
more than 30 % with minimal performance penalty.
With their compact 64 pin package, low power consumption, various 32-bit timers,
4-channel 10-bit ADC, 2 advanced CAN channels, PWM channels and 46 GPIO lines
with up to 9 external interrupt pins these microcontrollers are particularly suitable for
automotive and industrial control applications as well as medical systems and
fault-tolerant maintenance buses. With a wide range of additional serial
communications interfaces, they are also suited for communication gateways and
protocol converters as well as many other general-purpose applications.
2.
Features
2.1 Key features
s 16/32-bit ARM7TDMI-S microcontroller in a tiny LQFP64 package.
s 16 kB on-chip Static RAM.
s 128/256 kB on-chip Flash Program Memory. 128-bit wide interface/accelerator
enables high speed 60 MHz operation.
s In-System Programming (ISP) and In-Application Programming (IAP) via on-chip
boot-loader software. Flash programming takes 1 ms per 512 byte line. Single
sector or full chip erase takes 400 ms.
s EmbeddedICE-RT interface enables breakpoints and watch points. Interrupt
service routines can continue to execute while the foreground task is debugged
with the on-chip RealMonitor™ software.
s Embedded Trace Macrocell enables non-intrusive high speed real-time tracing of
instruction execution.
s Two interconnected CAN interfaces with advanced acceptance filters.
s Four channel 10-bit A/D converter with conversion time as low as 2.44
µs.
s Multiple serial interfaces including two UARTs (16C550), Fast I2C (400 kbits/s)
and two SPIs
s 60 MHz maximum CPU clock available from programmable on-chip
Phase-Locked Loop with settling time of 100
µs.
s Vectored Interrupt Controller with configurable priorities and vector addresses.
s Two 32-bit timers (with four capture and four compare channels), PWM unit (six
outputs), Real Time Clock and Watchdog.


Similar Part No. - LPC2129

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2129 NXP-LPC2129 Datasheet
194Kb / 44P
   Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 06-10 December 2007
LPC2129FBD01 NXP-LPC2129FBD01 Datasheet
298Kb / 46P
   Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 7-14 June 2011
LPC2129FBD64 NXP-LPC2129FBD64 Datasheet
194Kb / 44P
   Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 06-10 December 2007
LPC2129FBD64 NXP-LPC2129FBD64 Datasheet
298Kb / 46P
   Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 7-14 June 2011
LPC2129FBD64/00 NXP-LPC2129FBD64/00 Datasheet
194Kb / 44P
   Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 06-10 December 2007
More results

Similar Description - LPC2129

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2114 PHILIPS-LPC2114_15 Datasheet
309Kb / 42P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2114 NXP-LPC2114_11 Datasheet
309Kb / 42P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2114 NXP-LPC2114 Datasheet
182Kb / 40P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 06-10 December 2007
LPC2114 PHILIPS-LPC2114 Datasheet
161Kb / 34P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC
Rev. 03-22 December 2004
LPC2109 NXP-LPC2109_11 Datasheet
298Kb / 46P
   Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 7-14 June 2011
LPC2109 NXP-LPC2109 Datasheet
194Kb / 44P
   Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 06-10 December 2007
LPC2109 PHILIPS-LPC2109_15 Datasheet
298Kb / 46P
   Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 7-14 June 2011
LPC2194 PHILIPS-LPC2194 Datasheet
158Kb / 33P
   Single-chip 16/32-bit microcontrollers 256 kB ISP/IAP Flash with 10-bit ADC and CAN
Rev. 01-06 February 2004
LPC2212 NXP-LPC2212_11 Datasheet
359Kb / 47P
   Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 5-14 June 2011
LPC2194 NXP-LPC2194 Datasheet
188Kb / 40P
   Single-chip 16/32-bit microcontroller; 256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 05-10 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com