Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC68302FC20 Datasheet(PDF) 11 Page - Motorola, Inc

Part No. MC68302FC20
Description  Integrated Multiprotocol Processor User’s Manual
Download  480 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC68302FC20 Datasheet(HTML) 11 Page - Motorola, Inc

Zoom Inzoom in Zoom Outzoom out
 11 / 480 page
background image
Table of Contents
Paragraph
Title
Page
Number
Number
MOTOROLA
MC68302 USER’S MANUAL
xi
5.6
Data Bus Pins (D15—D0) ....................................................................... 5-7
5.7
Bus Control Pins...................................................................................... 5-8
5.8
Bus Arbitration Pins............................................................................... 5-10
5.9
Interrupt Control Pins ............................................................................ 5-11
5.10
MC68302 Bus Interface Signal Summary ............................................. 5-12
5.11
Physical Layer Serial Interface Pins...................................................... 5-13
5.12
Typical Serial Interface Pin Configurations ........................................... 5-14
5.13
NMSI1 or ISDN Interface Pins............................................................... 5-14
5.14
NMSI2 Port or Port a Pins ..................................................................... 5-17
5.15
NMSI3 Port or Port A Pins or SCP Pins ................................................ 5-18
5.16
IDMA or Port A Pins .............................................................................. 5-19
5.17
IACK or PIO Port B Pins........................................................................ 5-20
5.18
Timer Pins ............................................................................................. 5-20
5.19
Parallel I/O Pins with Interrupt Capability .............................................. 5-22
5.20
Chip-Select Pins.................................................................................... 5-22
5.21
No-Connect Pins ................................................................................... 5-23
5.22
When to Use Pullup Resistors............................................................... 5-23
Section 6
Electrical Characteristics
6.1
Maximum Ratings.................................................................................... 6-1
6.2
Thermal Characteristics .......................................................................... 6-1
6.3
Power Considerations ............................................................................. 6-2
6.4
Power Dissipation.................................................................................... 6-3
6.5
DC Electrical Characteristics................................................................... 6-4
6.6
DC Electrical Characteristics—NMSI1 in IDL Mode................................ 6-5
6.7
AC Electrical Specifications—Clock Timing ............................................ 6-5
6.8
AC Electrical Specifications—IMP Bus Master Cycles............................ 6-6
6.9
AC Electrical Specifications—DMA ....................................................... 6-13
6.10
AC Electrical Specifications—External Master
Internal Asynchronous Read/Write Cycles............................................ 6-16
6.11
AC Electrical Specifications—External Master Internal Synchronous
Read/Write Cycles................................................................................. 6-19
6.12
AC Electrical Specifications—Internal Master
Internal Read/Write Cycles.................................................................... 6-23
6.13
AC Electrical Specifications—Chip-Select Timing Internal
Master .................................................................................................. 6-24
6.14
AC Electrical Specifications—Chip-Select Timing External Master ...... 6-25
6.15
AC Electrical Specifications—Parallel I/O ............................................ 6-26
6.16
AC Electrical Specifications—Interrupts................................................ 6-27
6.17
AC Electrical Specifications—Timers .................................................... 6-28
6.18
AC Electrical Specifications—Serial Communications Port . ................ 6-29
6.19
AC Electrical Specifications—IDL Timing.............................................. 6-30
6.20
AC Electrical Specifications—GCI Timing............................................. 6-32
6.21
AC Electrical Specifications—PCM Timing ........................................... 6-34
6.22
AC Electrical Specifications—NMSI Timing .......................................... 6-36


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn