Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC68302FC20 Datasheet(PDF) 97 Page - Motorola, Inc

Part No. MC68302FC20
Description  Integrated Multiprotocol Processor User’s Manual
Download  480 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68302FC20 Datasheet(HTML) 97 Page - Motorola, Inc

Back Button MC68302FC20 Datasheet HTML 93Page - Motorola, Inc MC68302FC20 Datasheet HTML 94Page - Motorola, Inc MC68302FC20 Datasheet HTML 95Page - Motorola, Inc MC68302FC20 Datasheet HTML 96Page - Motorola, Inc MC68302FC20 Datasheet HTML 97Page - Motorola, Inc MC68302FC20 Datasheet HTML 98Page - Motorola, Inc MC68302FC20 Datasheet HTML 99Page - Motorola, Inc MC68302FC20 Datasheet HTML 100Page - Motorola, Inc MC68302FC20 Datasheet HTML 101Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 480 page
background image
System Integration Block (SIB)
MOTOROLA
MC68302 USER’S MANUAL
3-47
EN—Enable
0 = The chip-select line is disabled.
1 = The chip-select line is enabled.
After system reset, only CS0 is enabled; CS3–CS1 are disabled. In disable CPU mode,
CS3–CS0 are disabled at system reset. The chip select does not require disabling before
changing its parameters.
3.6.2.2 Option Registers (OR3–OR0)
These four 16-bit registers consist of a base address mask field, a read/write mask bit, a
compare function code bit, and a DTACK generation field.
Bits 15–12—DTACK Field
These bits are used to determine whether DTACK is generated internally with a program-
mable number of wait states or externally by the peripheral. With internal DTACK gener-
ation, zero to six wait states can be automatically inserted before the DTACK pin is
asserted as an output (see Port A Control Register (PACNT)).
When all the bits in this field are set to one, DTACK must be generated externally, and the
IMP or external bus master waits for DTACK (input) to terminate its bus cycle. After system
reset, the bits of the DTACK field default to six wait states.
The DTACK generator uses the IMP internal clock to generate the programmable number
of wait states. For asynchronous external bus masters, the programmable number of wait
states is counted directly from the internal clock. When no wait state is programmed
(DTACK = 000), the DTACK generator will generate DTACK asynchronously.
The CS lines are asserted slightly earlier for internal IMP master memory cycles than for an
external master using the CS lines. Set external master wait state (EMWS) in the SCR
whenever these timing differences require an extra memory wait state for external masters.
15
13
12
210
DTACK
BASE ADDRESS MASK (M23–M13)
MRW
CFC
Table 3-8. DTACK Field Encoding
Bits
Description
15
14
13
0
0
0
No Wait State
0
0
1
1 Wait State
0
1
0
2 Wait States
0
1
1
3 Wait States
1
0
0
4 Wait States
1
0
1
5 Wait States
1
1
0
6 Wait States
1
1
1
External DTACK


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn