Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC68302FC20 Datasheet(PDF) 94 Page - Motorola, Inc

Part No. MC68302FC20
Description  Integrated Multiprotocol Processor User’s Manual
Download  480 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68302FC20 Datasheet(HTML) 94 Page - Motorola, Inc

Back Button MC68302FC20 Datasheet HTML 90Page - Motorola, Inc MC68302FC20 Datasheet HTML 91Page - Motorola, Inc MC68302FC20 Datasheet HTML 92Page - Motorola, Inc MC68302FC20 Datasheet HTML 93Page - Motorola, Inc MC68302FC20 Datasheet HTML 94Page - Motorola, Inc MC68302FC20 Datasheet HTML 95Page - Motorola, Inc MC68302FC20 Datasheet HTML 96Page - Motorola, Inc MC68302FC20 Datasheet HTML 97Page - Motorola, Inc MC68302FC20 Datasheet HTML 98Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 480 page
background image
System Integration Block (SIB)
3-44
MC68302 USER’S MANUAL
MOTOROLA
Figure 3-9. Chip-Select Block Diagram
The user should not normally program more than one chip-select line to the same area.
When this occurs, the address compare logic will set address decode conflict (ADC) in the
system control register (SCR) and generate BERR if address decode conflict enable
(ADCE) is set. Only one chip-select line will be driven because of internal line priorities. CS0
has the highest priority, and CS3 the lowest. BERR will not be asserted on write accesses
to the chip-select registers.
If one chip select is programmed to be read-only and another chip select is programmed to
be write-only, then there will be no overlap conflict between these two chip selects, and the
ADC bit will not be set.
When a bus master attempts to write to a read-only location, the chip-select logic will set
write protect violation (WPV) in the SCR and generate BERR if write protect violation enable
(WPVE) is set. The CS line will not be asserted.
NOTE
The chip-select logic is reset only on total system reset (asser-
tion of RESET and HALT). Accesses to the internal RAM and
registers, including the system configuration registers (BAR and
CS0
CS2
CS1
CS3
DTACK GENERATION
DTACK
CS0
BASE REGISTER 0 (BR0)
COMPARE LOGIC
OPTION REGISTER 0 (OR0)
CS1
CS2
CS3
R/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn