Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC68302FC20 Datasheet(PDF) 75 Page - Motorola, Inc

Part No. MC68302FC20
Description  Integrated Multiprotocol Processor User’s Manual
Download  480 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68302FC20 Datasheet(HTML) 75 Page - Motorola, Inc

Back Button MC68302FC20 Datasheet HTML 71Page - Motorola, Inc MC68302FC20 Datasheet HTML 72Page - Motorola, Inc MC68302FC20 Datasheet HTML 73Page - Motorola, Inc MC68302FC20 Datasheet HTML 74Page - Motorola, Inc MC68302FC20 Datasheet HTML 75Page - Motorola, Inc MC68302FC20 Datasheet HTML 76Page - Motorola, Inc MC68302FC20 Datasheet HTML 77Page - Motorola, Inc MC68302FC20 Datasheet HTML 78Page - Motorola, Inc MC68302FC20 Datasheet HTML 79Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 480 page
background image
System Integration Block (SIB)
MOTOROLA
MC68302 USER’S MANUAL
3-25
ET7—IRQ7 Edge-/Level-Triggered
This bit is valid only in the dedicated mode.
0 = Level-triggered. An interrupt is made pending when IRQ7 is low.
NOTE
The M68000 always treats level 7 as an edge-sensitive interrupt.
Normally, users should not select the level-triggered option. The
level-triggered option is useful when it is desired to make the ne-
gation of IRQ7 cause the IOUT2–IOUT0 pins to cease driving a
level 7 interrupt request when the MC68302 is used in the dis-
able CPU mode. This situation is as follows:
For a slave-mode MC68302, when it is triggered by IRQ1, IRQ6,
or IRQ7 to generate an interrupt, its interrupt controller will out-
put the interrupt request on pins IOUT2–IOUT0 to another pro-
cessor (MC68302, MC68020, etc.) For cases when the slave
MC68302 does not generate a level 4 vector (i.e., the VGE bit is
cleared), one must set the ET1, ET6, and ET7 bits to level-trig-
gered and then negate the IRQ1, IRQ6, and IRQ7 lines external-
ly in the interrupt handler code. If the ET1, ET6, and ET7 bits are
set to edge-triggered and the VGE bit is clear, the IOUT2–IOUT0
pins will never be cleared.
1 = Edge-triggered. An interrupt is made pending when IRQ7 changes from one to
zero (falling edge).
ET6—IRQ6 Edge-/Level-Triggered
This bit is valid only in the dedicated mode.
0 = Level-triggered. An interrupt is made pending when IRQ6 is low.
NOTE
While in disable CPU mode during the host processor interrupt
acknowledge cycle for IRQ6, if IRQ6 is not continuously assert-
ed, the interrupt controller will still provide the vector number
(and DTACK) according to the IV6 bit. The IACK6 falling edge
may be used externally to negate IRQ6.
1 = Edge-triggered. An interrupt is made pending when IRQ6 changes from one to
zero (falling edge).
ET1—IRQ1 Edge-/Level-Triggered
This bit is valid only in the dedicated mode.
0 = Level-triggered. An interrupt is made pending when IRQ1 is low.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn