Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC68302FC20 Datasheet(PDF) 71 Page - Motorola, Inc

Part No. MC68302FC20
Description  Integrated Multiprotocol Processor User’s Manual
Download  480 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC68302FC20 Datasheet(HTML) 71 Page - Motorola, Inc

Zoom Inzoom in Zoom Outzoom out
 71 / 480 page
background image
System Integration Block (SIB)
MOTOROLA
MC68302 USER’S MANUAL
3-21
Figure 3-3. Interrupt Request Logic Diagram for SCCs
3.2.4 Interrupt Vector
Pending EXRQ interrupts and unmasked INRQ interrupts are presented to the M68000 core
in order of priority. The M68000 core responds to an interrupt request by initiating an inter-
rupt acknowledge cycle to receive a vector number, which allows the core to locate the in-
terrupt's service routine.
If an INRQ source generated the interrupt, the interrupt controller always provides the vector
corresponding to the highest priority, unmasked, pending interrupt. If an EXRQ source gen-
erated the interrupt, three options are available to generate the vector.
Option 1. By programming the GIMR, the user can enable the interrupt controller to provide
the vector for any combination of EXRQ interrupt levels 1, 6, and 7. This is available regard-
less of whether normal or dedicated mode is selected. Whenever a vector is provided by the
interrupt controller, DTACK is also provided by the interrupt controller during that interrupt
acknowledge cycle. DTACK is an output from the IMP in this case.
The IMP can generate vectors for up to seven external peripherals by connecting the exter-
nal request lines to IRQ7, IRQ6, IRQ1, PB11, PB10, PB9, and PB8. PB11, PB10, PB9, and
PB8 are prioritized within level 4.
SCCM
IMR
IPR
INTERRUPT
PRIORITY
RESOLVER
INTERNAL IPL2–IPL0
TO THE M68000 CORE
16-INPUT
OR
SCCE
EVENT
BIT
MASK
BIT
8-INPUT
OR


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn