Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC68302FC20 Datasheet(PDF) 51 Page - Motorola, Inc

Part No. MC68302FC20
Description  Integrated Multiprotocol Processor User’s Manual
Download  480 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC68302FC20 Datasheet(HTML) 51 Page - Motorola, Inc

Zoom Inzoom in Zoom Outzoom out
 51 / 480 page
background image
MOTOROLA
MC68302 USER’S MANUAL
3-1
SECTION 3
SYSTEM INTEGRATION BLOCK (SIB)
The MC68302 contains an extensive SIB that simplifies the job of both the hardware and
software designer. It integrates the M68000 core with the most common peripherals used in
an M68000-based system. The independent direct memory access (IDMA) controller re-
lieves the hardware designer of the extra effort and board logic needed to connect an exter-
nal DMA controller. The interrupt controller can be used in a dedicated mode to generate
interrupt acknowledge signals without external logic. Also, the chip-select signals and their
associated wait-state logic eliminate the need to generate chip-select signals externally. The
three timers simplify control and improve reliability. These and other features in the SIB con-
serve board space and cost while decreasing development time.
The SIB includes the following functions:
• IDMA Controller with Three Handshake Signals: DREQ, DACK, and DONE
• Interrupt Controller with Two Modes of Operation
• Parallel Input/Output (I/O) Ports, Some with Interrupt Capability
• On-Chip 1152-Byte Dual-Port RAM
• Three Timers Including a Software Watchdog Timer
• Four Programmable Chip-Select Lines with Wait-State Generator Logic
• On-Chip Clock Generator with Output Signal
• System Control
—System Status and Control Logic
—Disable CPU Logic (M68000)
—Bus Arbitration Logic with Low-Interrupt Latency Support
—Hardware Watchdog for Monitoring Bus Activity
—Low-Power (Standby) Modes
—Freeze Control for Debugging
• Clock Control
—Adjustable CLKO Drive
—Three-state RCLK1 and TCLK1
—Disable BRG1
• DRAM Refresh Controller


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn