Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMX2306 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2306
Description  PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2306 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMX2306 Datasheet HTML 11Page - National Semiconductor (TI) LMX2306 Datasheet HTML 12Page - National Semiconductor (TI) LMX2306 Datasheet HTML 13Page - National Semiconductor (TI) LMX2306 Datasheet HTML 14Page - National Semiconductor (TI) LMX2306 Datasheet HTML 15Page - National Semiconductor (TI) LMX2306 Datasheet HTML 16Page - National Semiconductor (TI) LMX2306 Datasheet HTML 17Page - National Semiconductor (TI) LMX2306 Datasheet HTML 18Page - National Semiconductor (TI) LMX2306 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
1.7 Application Information (Continued)
1.7.6 N COUNTER
The calculated value of N, and the value of P are now used to determine the values of A and B where A and B are both integer
values:
N=P * B+ A
where B is the divisor and A is the remainder. Therefore:
B = div (N/P)
and
A = N−(B * P)
For this example, B and A are calculated as follows:
B = div (4750/32) = 148 = 0000010010100
and
A = 4750 − (148 * 32)=14=01110
To load the N counter with these values, the programming bit stream would be as follows. The first bit, the GO bit, (MSB) N[19]
is used for FastLock operation and will be discussed in the F Latch section. The next 13 bits, (N[18]–N[6]) shifted in, are the B
counter value, 0000010010100
b *. Bits N[5]–N[1] are the A counter and are 01110b in this example. The final two bits (the control
bits) are 1,0 identifying the N counter. In programming the N counter, the value of B must be greater than or equal to A, and the
value of B must be greater than or equal to 3.
Note: *In programming the counter, data is shifted in MSB first.
1.7.7 R COUNTER
Programming the R counter is done by shifting in the binary value of R calculated previously (50
d = 110010b). The first bit shifted
in is R[19] the LD precision bit. The next 4 bits (R[18]–R[15]) shifted in, are used for testing and should always be loaded with
zeros. The R[14]–R[1] bits are used to program the reference divider ratio and should be 00000000110010
b for this example. The
final two bits, C[1] and C[2] denote the R counter and should be 0, 0. The resulting bit stream looks as follows:
1.7.8 F LATCH
To program the device for any of the FastLock modes, C[1] = 0 and C[2] = 1 which direct data to the F latch. The Section 1.3
FUNCTION AND INITIALIZATION LATCH section discusses the 4 modes of FastLock operation. The user must first determine
which FastLock mode will be used. When using any of the FastLock modes, the programmer needs to experimentally determine
the length of time to stay in high gain mode. This is done by looking at the transient response and determining the time at which
the device has settled to within the appropriate frequency tolerance. FastLock mode should be terminated just prior to “lock” to
place the switching phase glitch within the transient settling time. The counter reset mode (F[1] bit) holds both the N and R
counters at load point when F[1] = HIGH. Upon setting F[1] = LOW, the N and R counters will resume counting in close phase
alignment. Other functions of the F latch such as FoLD output control, Phase detector polarity, and charge pump TRI-STATE are
defined in the 1.3 FUNCTION AND INITIALIZATION LATCH section also.
DS100127-14
DS100127-16
www.national.com
16


Similar Part No. - LMX2306

ManufacturerPart #DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LMX2306 NSC-LMX2306 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
Texas Instruments
Texas Instruments
LMX2306 TI-LMX2306 Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications LMX2306 550 MHz, LMX2316 1.2 GHz, LMX2326 2.8 GHz
National Semiconductor (TI)
National Semiconductor ...
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2306

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
Texas Instruments
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2332U NSC-LMX2332U Datasheet
3Mb / 42P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335U NSC-LMX2335U Datasheet
3Mb / 48P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com