Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMX2306 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2306
Description  PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2306 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMX2306 Datasheet HTML 5Page - National Semiconductor (TI) LMX2306 Datasheet HTML 6Page - National Semiconductor (TI) LMX2306 Datasheet HTML 7Page - National Semiconductor (TI) LMX2306 Datasheet HTML 8Page - National Semiconductor (TI) LMX2306 Datasheet HTML 9Page - National Semiconductor (TI) LMX2306 Datasheet HTML 10Page - National Semiconductor (TI) LMX2306 Datasheet HTML 11Page - National Semiconductor (TI) LMX2306 Datasheet HTML 12Page - National Semiconductor (TI) LMX2306 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
1.0 Functional Description (Continued)
1.3 FUNCTION AND INITIALIZATION LATCHES
Both the function and initialization latches write to the same registers. (See Section 1.7.1 DEVICE PROGRAMMING AFTER
FIRST APPLYING V
CC section for initialization latch description.)
TABLE 1. Programmable Modes
C1
C2
F1
F2
F3–5
F6
F7
F8
0
1
COUNTER
POWER DOWN
FoLD
PD
CP
FASTLOCK
RESET
CONTROL
POLARITY
TRI-STATE
ENABLE
F9
F10
F11–14
F15–F17
F18
FAST-
TIMEOUT
TIMEOUT
TEST
POWER
LOCK
COUNTER
COUNTER
MODES
DOWN
CONTROL
ENABLE
VALUE
MODE
TABLE 2. Mode Select Truth Table
REGISTER
LEVEL
COUNTER
RESET
POWER
DOWN
PHASE
CP
TRI-STATE
DETECTOR
POLARITY
0
RESET
POWERED
NEGATIVE
NORMAL
DISABLED
UP
OPERATION
1
RESET
POWERED
POSITIVE
TRI-STATE
ENABELED
DOWN
FUNCTION DESCRIPTION
F1. The Counter Reset enable mode bit F1, when activated, allows the reset of both N and R counters. Upon powering up, the
F1 bit needs to be disabled, then the N counter resumes counting in “close” alignment with the R counter. (The maximum error
is one prescalar cycle).
F2. Refer to Section 1.3.1 POWERDOWN OPERATION section.
F3–5. Controls output of FoLD pin. See FoLD truth table. See
Table 4.
F6. Phase Detector Polarity. Depending upon VCO characteristics, F6 bit should be set accordingly. When VCO characteristics
are positive F6 should be set HIGH; When VCO characteristics are negative F6 should be set LOW
F7. Charge Pump TRI-STATE is set using bit F7. For normal operation this bit is set to zero.
F8. When the FastLock Enable bit is set the part is forced into one of the four FastLock modes. See description in
Table 5, Fast-
Lock Decoding.
F9. The FastLock Control bit determines the mode of operation when in FastLock (F8 = 1). When not in FastLock mode, FL
o
can be used as a general purpose output controlled by this bit. For F9 = 1, FL
o is HIGH and for F9 = 0, FLo is LOW. See Table
5 for truth table.
F10. Timeout Counter Enable bit is set to 1 to enable the timeout counter. See
Table 5 for truth table.
F11–14. FastLock Timeout Counter is set using bits F11-14.
Table 6 for counter values.
F15–17. Function bits F15–F17 are for Test Modes, and should be set to 0 for normal use.
F18. Refer to Section 1.3.1 POWERDOWN OPERATION section.
DS100127-7
www.national.com
9


Similar Part No. - LMX2306

ManufacturerPart #DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LMX2306 NSC-LMX2306 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
Texas Instruments
Texas Instruments
LMX2306 TI-LMX2306 Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications LMX2306 550 MHz, LMX2316 1.2 GHz, LMX2326 2.8 GHz
National Semiconductor (TI)
National Semiconductor ...
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2306

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
Texas Instruments
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2332U NSC-LMX2332U Datasheet
3Mb / 42P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335U NSC-LMX2335U Datasheet
3Mb / 48P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com