Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68302FC16 Datasheet(PDF) 67 Page - Motorola, Inc

Part # MC68302FC16
Description  Integrated Multiprotocol Processor User?셲 Manual
Download  480 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68302FC16 Datasheet(HTML) 67 Page - Motorola, Inc

Back Button MC68302FC16 Datasheet HTML 63Page - Motorola, Inc MC68302FC16 Datasheet HTML 64Page - Motorola, Inc MC68302FC16 Datasheet HTML 65Page - Motorola, Inc MC68302FC16 Datasheet HTML 66Page - Motorola, Inc MC68302FC16 Datasheet HTML 67Page - Motorola, Inc MC68302FC16 Datasheet HTML 68Page - Motorola, Inc MC68302FC16 Datasheet HTML 69Page - Motorola, Inc MC68302FC16 Datasheet HTML 70Page - Motorola, Inc MC68302FC16 Datasheet HTML 71Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 480 page
background image
System Integration Block (SIB)
MOTOROLA
MC68302 USER’S MANUAL
3-17
bus cycle after the completion of the current instruction.
3. The interrupt controller recognizes the interrupt acknowledge cycle and places the in-
terrupt vector for that interrupt request onto the M68000 bus.
4. The M68000 reads the vector, reads the address of the interrupt handler in the excep-
tion vector table, and then begins execution at that address.
Steps 2 and 4 are the responsibility of the M68000 core on the IMP; whereas, steps 1 and
3 are the responsibility of the interrupt controller on the IMP.
The M68000 core is not modified on the IMP; thus, steps 2 and 4 operate exactly as they
would on the MC68000. In step 2, the M68000 status register (SR) is available to mask in-
terrupts globally or to determine which priority levels can currently generate interrupts (see
2.5 Interrupt Processing for more details). Also in step 2, the interrupt acknowledge cycle is
executed.
The interrupt acknowledge cycle carries out a standard M68000 bus read cycle, except that
FC2–FC0 are encoded as 111, A3–A1 are encoded with the interrupt priority level (1–7, with
7 (i.e., 111) being the highest), and A19–A16 are driven high. UDS and LDS are both driven
low.
In step 4, the M68000 reads the vector number, multiplies it by 4 to get the vector address,
fetches a 4-byte program address from that vector address (seeTable 2-5), and then jumps
to that 4-byte address. That 4-byte address is the location of the first instruction in the inter-
rupt handler.
Steps 1 and 3 are the responsibility of the interrupt controller on the IMP. In steps 1 and 3,
a number of configuration options are available. For instance, in step 1, there are two modes
for handling external interrupts: normal and dedicated. In step 3, there are several different
ways of generating vectors. These and other interrupt controller options are introduced in
the following paragraphs.
3.2.1.2 Interrupt Controller Overview
The interrupt controller receives interrupts from internal sources such as the timers, the
IDMA controller, the serial communication controllers, and the parallel I/O pins (port B pins
11–8). These interrupts are called internal requests (INRQ). The interrupt controller allows
for masking each INRQ interrupt source. When multiple events within a peripheral can
cause the INRQ interrupt, each event is also maskable in a register in that peripheral.
In addition to the INRQ interrupts, the interrupt controller can also receive external requests
(EXRQ). EXRQ interrupts are input to the IMP according to normal or dedicated mode. In
the normal mode, EXRQ interrupts are encoded on the IPL2–IPL0 lines. In the dedicated
mode, EXRQ interrupts are presented directly as IRQ7, IRQ6, and IRQ1.
Normal Mode
In this mode, the three external interrupt request pins are configured as IPL2–IPL0 as in
the original MC68000. Up to seven levels of interrupt priority may be encoded. Level 4 is
reserved for IMP INRQ interrupts and may not be generated by an external device.


Similar Part No. - MC68302FC16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302FC16 MOTOROLA-MC68302FC16 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68302FC16C FREESCALE-MC68302FC16C Datasheet
261Kb / 13P
   Freescale Semiconductor, Inc.
More results

Similar Description - MC68302FC16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68340 FREESCALE-MC68340 Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MC68340FE16E FREESCALE-MC68340FE16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
logo
Motorola, Inc
MC68340AB16E MOTOROLA-MC68340AB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MCF5307AI66B MOTOROLA-MCF5307AI66B Datasheet
5Mb / 484P
   Integrated Microprocessor User?셲 Manual
MC68LC302 MOTOROLA-MC68LC302 Datasheet
766Kb / 169P
   Low Power Integrated Multiprotocol Processor Reference Manual
logo
Freescale Semiconductor...
MCF5282 FREESCALE-MCF5282 Datasheet
8Mb / 766P
   Microcontroller User?셲 Manual
logo
Samsung semiconductor
UM_S3C49F9X SAMSUNG-UM_S3C49F9X Datasheet
653Kb / 74P
   S3C49F9X User?셲 Manual
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141 Datasheet
304Kb / 7P
   Evaluation Board User?셲 Manual
logo
List of Unclassifed Man...
X10SRW-F ETC1-X10SRW-F Datasheet
9Mb / 129P
   X10SRW-F User?셲 Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com