Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68302FC16 Datasheet(PDF) 51 Page - Motorola, Inc

Part # MC68302FC16
Description  Integrated Multiprotocol Processor User?셲 Manual
Download  480 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68302FC16 Datasheet(HTML) 51 Page - Motorola, Inc

Back Button MC68302FC16 Datasheet HTML 47Page - Motorola, Inc MC68302FC16 Datasheet HTML 48Page - Motorola, Inc MC68302FC16 Datasheet HTML 49Page - Motorola, Inc MC68302FC16 Datasheet HTML 50Page - Motorola, Inc MC68302FC16 Datasheet HTML 51Page - Motorola, Inc MC68302FC16 Datasheet HTML 52Page - Motorola, Inc MC68302FC16 Datasheet HTML 53Page - Motorola, Inc MC68302FC16 Datasheet HTML 54Page - Motorola, Inc MC68302FC16 Datasheet HTML 55Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 480 page
background image
MOTOROLA
MC68302 USER’S MANUAL
3-1
SECTION 3
SYSTEM INTEGRATION BLOCK (SIB)
The MC68302 contains an extensive SIB that simplifies the job of both the hardware and
software designer. It integrates the M68000 core with the most common peripherals used in
an M68000-based system. The independent direct memory access (IDMA) controller re-
lieves the hardware designer of the extra effort and board logic needed to connect an exter-
nal DMA controller. The interrupt controller can be used in a dedicated mode to generate
interrupt acknowledge signals without external logic. Also, the chip-select signals and their
associated wait-state logic eliminate the need to generate chip-select signals externally. The
three timers simplify control and improve reliability. These and other features in the SIB con-
serve board space and cost while decreasing development time.
The SIB includes the following functions:
• IDMA Controller with Three Handshake Signals: DREQ, DACK, and DONE
• Interrupt Controller with Two Modes of Operation
• Parallel Input/Output (I/O) Ports, Some with Interrupt Capability
• On-Chip 1152-Byte Dual-Port RAM
• Three Timers Including a Software Watchdog Timer
• Four Programmable Chip-Select Lines with Wait-State Generator Logic
• On-Chip Clock Generator with Output Signal
• System Control
—System Status and Control Logic
—Disable CPU Logic (M68000)
—Bus Arbitration Logic with Low-Interrupt Latency Support
—Hardware Watchdog for Monitoring Bus Activity
—Low-Power (Standby) Modes
—Freeze Control for Debugging
• Clock Control
—Adjustable CLKO Drive
—Three-state RCLK1 and TCLK1
—Disable BRG1
• DRAM Refresh Controller


Similar Part No. - MC68302FC16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302FC16 MOTOROLA-MC68302FC16 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68302FC16C FREESCALE-MC68302FC16C Datasheet
261Kb / 13P
   Freescale Semiconductor, Inc.
More results

Similar Description - MC68302FC16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68340 FREESCALE-MC68340 Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MC68340FE16E FREESCALE-MC68340FE16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
logo
Motorola, Inc
MC68340AB16E MOTOROLA-MC68340AB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MCF5307AI66B MOTOROLA-MCF5307AI66B Datasheet
5Mb / 484P
   Integrated Microprocessor User?셲 Manual
MC68LC302 MOTOROLA-MC68LC302 Datasheet
766Kb / 169P
   Low Power Integrated Multiprotocol Processor Reference Manual
logo
Freescale Semiconductor...
MCF5282 FREESCALE-MCF5282 Datasheet
8Mb / 766P
   Microcontroller User?셲 Manual
logo
Samsung semiconductor
UM_S3C49F9X SAMSUNG-UM_S3C49F9X Datasheet
653Kb / 74P
   S3C49F9X User?셲 Manual
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141 Datasheet
304Kb / 7P
   Evaluation Board User?셲 Manual
logo
List of Unclassifed Man...
X10SRW-F ETC1-X10SRW-F Datasheet
9Mb / 129P
   X10SRW-F User?셲 Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com