Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4670 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4670
Description  Filterless High Efficiency 3W Switching Audio Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4670 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4670 Datasheet HTML 5Page - National Semiconductor (TI) LM4670 Datasheet HTML 6Page - National Semiconductor (TI) LM4670 Datasheet HTML 7Page - National Semiconductor (TI) LM4670 Datasheet HTML 8Page - National Semiconductor (TI) LM4670 Datasheet HTML 9Page - National Semiconductor (TI) LM4670 Datasheet HTML 10Page - National Semiconductor (TI) LM4670 Datasheet HTML 11Page - National Semiconductor (TI) LM4670 Datasheet HTML 12Page - National Semiconductor (TI) LM4670 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Typical Performance Characteristics (Note 10) (Continued)
Supply Current vs Shutdown Voltage
R
L =15µH+8
Ω + 15µH
Supply Current vs Supply Voltage
R
L =15µH+8
Ω + 15µH
20089938
20089922
Supply Current vs Supply Voltage
R
L = Different µH loads
Differential Gain vs Supply Voltage
R
L =15µH+8
Ω + 15µH, R
i = 150k
Ω, f = 1kHz
20089939
20089913
www.national.com
9


Similar Part No. - LM4670

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4670 NSC-LM4670 Datasheet
1Mb / 20P
   Filterless High Efficiency 3W Switching Audio Amplifier
logo
Texas Instruments
LM4670 TI1-LM4670 Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer Audio Power Amplifier Series Filterless High
LM4670 TI1-LM4670 Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer??Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier
LM4670ITL TI1-LM4670ITL Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer Audio Power Amplifier Series Filterless High
LM4670ITL/NOPB TI1-LM4670ITL/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer??Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier
More results

Similar Description - LM4670

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4670 NSC-LM4670_06 Datasheet
1Mb / 20P
   Filterless High Efficiency 3W Switching Audio Amplifier
logo
ON Semiconductor
NCP2823 ONSEMI-NCP2823 Datasheet
168Kb / 11P
   High Efficiency 3W Filterless Class D Audio Amplifier
February, 2010 ??Rev. P0
NCP2823 ONSEMI-NCP2823_11 Datasheet
148Kb / 11P
   High Efficiency 3W Filterless Class D Audio Amplifier
January, 2011 ??Rev. 2
logo
Texas Instruments
LM4670 TI1-LM4670 Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer??Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier
logo
National Semiconductor ...
LM4671 NSC-LM4671_07 Datasheet
594Kb / 20P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4671 NSC-LM4671_08 Datasheet
588Kb / 18P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4664 NSC-LM4664 Datasheet
550Kb / 14P
   Filterless High Efficiency 1.1W Switching Audio Amplifier
LM4671 NSC-LM4671 Datasheet
969Kb / 18P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4667 NSC-LM4667 Datasheet
757Kb / 16P
   Filterless High Efficiency 1.3W Switching Audio Amplifier
LM4665 NSC-LM4665 Datasheet
1,018Kb / 18P
   Filterless High Efficiency 1W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com