Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68302RC16 Datasheet(PDF) 27 Page - Motorola, Inc

Part # MC68302RC16
Description  Integrated Multiprotocol Processor User?셲 Manual
Download  480 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68302RC16 Datasheet(HTML) 27 Page - Motorola, Inc

Back Button MC68302RC16 Datasheet HTML 23Page - Motorola, Inc MC68302RC16 Datasheet HTML 24Page - Motorola, Inc MC68302RC16 Datasheet HTML 25Page - Motorola, Inc MC68302RC16 Datasheet HTML 26Page - Motorola, Inc MC68302RC16 Datasheet HTML 27Page - Motorola, Inc MC68302RC16 Datasheet HTML 28Page - Motorola, Inc MC68302RC16 Datasheet HTML 29Page - Motorola, Inc MC68302RC16 Datasheet HTML 30Page - Motorola, Inc MC68302RC16 Datasheet HTML 31Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 480 page
background image
General Description
MOTOROLA
MC68302 USER’S MANUAL
1-5
Figure 1-3. MC68302 System Design
The use of a unique arbitration scheme and synchronous transfers between the micropro-
cessor and dual-port RAM gives zero wait-state operation to the M68000 microprocessor
core. The dual-port RAM can be accessed by the CP main controller (RISC) once every
clock cycle for either read or write operations. When the M68000 core accesses the dual-
port RAM, each access is pipelined along with the CP accesses so that data is read or writ-
ten without conflict. The net effect is the loss of a single memory access by the CP main
controller per M68000 core access.
The buffer memory structure of the MC68302 can be configured to closely match I/O chan-
nel requirements by careful selection of buffer size and buffer linking. The interrupt structure
is also programmable so that the on-chip M68000 processor can be off-loaded from the pe-
ripheral bit-handling functions to perform higher layer application software or protocol pro-
cessing.
1.4 NMSI COMMUNICATIONS-ORIENTED ENVIRONMENT
When the interface to equipment or proprietary networks requires the use of standard con-
trol and data signals, the MC68302 can be programmed into the nonmultiplexed serial inter-
face (NMSI) mode. This mode, which is available for one, two, or all three SCC ports, can
be selected while the other ports use one of the multiplexed interface modes (IDL, GCI, or
PCM highway).
PERIPHERAL BUS
68000
SYSTEM BUS
MC68302 IMP
6 DMA
CHANNELS
INTERRUPT
CONTROLLER
MICROCODED
COMMUNICATIONS
CONTROLLER
(RISC)
M68000
CORE
1 GENERAL-
PURPOSE
DMA
CHANNEL
3 TIMERS
AND
ADDITIONAL
FEATURES
RAM / ROM
OTHER
PERIPHERALS
OTHER
SERIAL
CHANNELS
1152 BYTES
DUAL-PORT
RAM
3 SERIAL
CHANNELS


Similar Part No. - MC68302RC16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302RC16 MOTOROLA-MC68302RC16 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68302RC16C FREESCALE-MC68302RC16C Datasheet
196Kb / 4P
   MC68302 Family Application Development System
More results

Similar Description - MC68302RC16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68340 FREESCALE-MC68340 Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MC68340FE16E FREESCALE-MC68340FE16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
logo
Motorola, Inc
MC68340AB16E MOTOROLA-MC68340AB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MCF5307AI66B MOTOROLA-MCF5307AI66B Datasheet
5Mb / 484P
   Integrated Microprocessor User?셲 Manual
MC68LC302 MOTOROLA-MC68LC302 Datasheet
766Kb / 169P
   Low Power Integrated Multiprotocol Processor Reference Manual
logo
Freescale Semiconductor...
MCF5282 FREESCALE-MCF5282 Datasheet
8Mb / 766P
   Microcontroller User?셲 Manual
logo
Samsung semiconductor
UM_S3C49F9X SAMSUNG-UM_S3C49F9X Datasheet
653Kb / 74P
   S3C49F9X User?셲 Manual
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141 Datasheet
304Kb / 7P
   Evaluation Board User?셲 Manual
logo
List of Unclassifed Man...
X10SRW-F ETC1-X10SRW-F Datasheet
9Mb / 129P
   X10SRW-F User?셲 Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com