Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA673.A.CGH.004 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part No. MA673.A.CGH.004
Description  Advanced RF Design and Materials
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA673.A.CGH.004 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  MA673.A.CGH.004 Datasheet HTML 1Page - Taoglas antenna solutions MA673.A.CGH.004 Datasheet HTML 2Page - Taoglas antenna solutions MA673.A.CGH.004 Datasheet HTML 3Page - Taoglas antenna solutions MA673.A.CGH.004 Datasheet HTML 4Page - Taoglas antenna solutions MA673.A.CGH.004 Datasheet HTML 5Page - Taoglas antenna solutions MA673.A.CGH.004 Datasheet HTML 6Page - Taoglas antenna solutions MA673.A.CGH.004 Datasheet HTML 7Page - Taoglas antenna solutions MA673.A.CGH.004 Datasheet HTML 8Page - Taoglas antenna solutions MA673.A.CGH.004 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
SPE-14-8-093/A/WY
Page 3 of 27
MA673.C305151.G305151.H305151
2. Specification
ELECTRICAL
Frequency (MHz)
2400MHz 2450MHz 2500MHz 4900MHz 5150MHz 5350MHz 5725MHz 5850MHz
Efficiency (%)
2.4/5GHz MIMO 1
1M
66.38
72.74
71.97
42.13
57.11
57.50
60.02
48.22
2M
57.82
63.35
62.68
34.24
46.42
46.74
48.79
38.31
3M
50.36
53.92
53.35
28.48
37.73
37.99
38.75
31.14
5M
39.09
41.86
40.47
18.82
24.93
25.10
25.02
20.10
2.4/5GHz MIMO 2
1M
43.38
45.94
42.44
46.39
50.96
49.13
54.72
49.65
2M
37.78
40.01
36.96
37.71
41.42
39.94
44.48
39.44
3M
32.91
34.06
31.46
31.37
33.67
32.46
35.33
32.06
5M
25.54
26.44
23.86
20.72
22.25
21.45
22.81
20.70
2.4/5GHz MIMO 3
1M
50.96
60.66
51.48
31.84
62.67
58.42
35.87
34.80
2M
44.38
52.83
44.83
25.88
50.94
47.49
29.16
27.64
3M
38.66
44.97
38.16
21.53
41.41
38.60
23.16
22.47
5M
30.01
34.91
28.95
14.22
27.36
25.50
14.95
14.51
Average Gain(dBi)
2.4/5GHz MIMO 1
1M
-1.78
-1.38
-1.43
-3.75
-2.43
-2.40
-2.22
-3.17
2M
-2.38
-1.98
-2.03
-4.65
-3.33
-3.30
-3.12
-4.17
3M
-2.98
-2.68
-2.73
-5.45
-4.23
-4.20
-4.12
-5.07
5M
-4.08
-3.78
-3.93
-7.25
-6.03
-6.00
-6.02
-6.97
2.4/5GHz MIMO 2
1M
-3.63
-3.38
-3.72
-3.34
-2.93
-3.09
-2.62
-3.04
2M
-4.23
-3.98
-4.32
-4.24
-3.83
-3.99
-3.52
-4.04
3M
-4.42
-4.68
-5.02
-5.04
-4.73
-4.89
-4.52
-4.94
5M
-5.93
-5.78
-6.22
-6.84
-6.53
-6.69
-6.42
-6.84
2.4/5GHz MIMO 3
1M
-2.93
-2.17
-2.88
-4.97
-2.03
-2.33
-4.45
-4.58
2M
-3.53
-2.77
-3.48
-5.87
-2.93
-3.23
-5.35
-5.58
3M
-4.13
-3.47
-4.18
-6.67
-3.83
-4.13
-6.35
-6.48
5M
-5.23
-4.57
-5.38
-8.47
-5.63
-7.13
-8.25
-8.38
Peak Gain(dBi)
2.4/5GHz MIMO 1
1M
2.33
3.04
3.27
3.51
5.00
4.86
5.11
3.69
2M
1.73
2.44
2.67
2.61
4.10
3.96
4.21
2.69
3M
1.13
1.74
1.97
1.81
3.20
3.06
3.21
1.79
5M
0.03
0.64
0.77
0.01
1.40
1.26
1.31
-0.11
2.4/5GHz MIMO 2
1M
2.47
2.38
1.84
3.48
3.16
2.46
3.50
3.66
2M
1.87
1.78
1.24
2.58
2.26
1.56
2.60
2.66
3M
1.60
1.08
0.54
1.78
1.36
0.66
1.60
1.76
5M
0.17
-0.02
-0.66
-0.02
-0.44
-1.14
-0.30
-0.14
2.4/5GHz MIMO 3
1M
3.66
4.11
3.42
3.17
5.64
4.79
3.29
3.33
2M
3.06
3.51
2.82
2.27
4.74
3.89
2.39
2.33
3M
2.92
2.81
2.12
1.47
3.84
2.99
1.39
1.43
5M
1.36
1.71
0.92
-0.33
2.04
25.50
-0.51
-0.47
Impedance
50Ω
Polarization
Linear
Radiation Pattern
Omni
Input Power
5 W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn