Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA510.C.W.CG.002 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part No. MA510.C.W.CG.002
Description  High Isolation between Antenna Elements
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAOGLAS [Taoglas antenna solutions]
Homepage  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA510.C.W.CG.002 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  MA510.C.W.CG.002 Datasheet HTML 1Page - Taoglas antenna solutions MA510.C.W.CG.002 Datasheet HTML 2Page - Taoglas antenna solutions MA510.C.W.CG.002 Datasheet HTML 3Page - Taoglas antenna solutions MA510.C.W.CG.002 Datasheet HTML 4Page - Taoglas antenna solutions MA510.C.W.CG.002 Datasheet HTML 5Page - Taoglas antenna solutions MA510.C.W.CG.002 Datasheet HTML 6Page - Taoglas antenna solutions MA510.C.W.CG.002 Datasheet HTML 7Page - Taoglas antenna solutions MA510.C.W.CG.002 Datasheet HTML 8Page - Taoglas antenna solutions MA510.C.W.CG.002 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
SPE-15-8-008/B/EZ
Page 3 of 25
MA.510.C.W.C108151.G108151
2. Specification
Antenna
Hercules MA510 MIMO
ELECTRICAL
Operation Frequency (GHz)
2.4~2.5
4.8~5.8
Polarization
Linear
Linear
Impedance (ohms)
50
50
Min Isolation (dB)
-22
-28
Max VSWR
2.0:1
2.0:1
Max Return Loss (dB)
-10
-10
Peak Gain (dBi)
3.9
3.0
Efficiency (%)
60
40
Average Gain (dB)
-2.2
-3.9
Radiation Properties
Omni
Omni
Max Input Power
2W max
2W max
MECHANICAL
Dimensions (mm)
Height=29 Diameter=49
Cable
1M RG316- Fully Customizable
Casing
PC
Base and Thread
Nickel Plated Zinc Alloy
Weather proof gasket
CR4305 foam with 3M9448B double-side adhesive
Connector
RP-SMA Male Fully Customizable
Thread Diameter (mm)
18
Sealant
Rubber Stopper
Recommended Torque for
Mounting
24.5N·m
Max Torque for Mounting
29.4N·m
Weight
134g
ENVIRONMENTAL
Protection
IP67 & IP69K
Corrosion
5% NACI for 48hrs- Nickel plated zinc alloy base and thread
Temperature Range
-40ºC to +85ºC
Thermal Shock
100 cycles -40°C to +85°C
Humidity
Non-condensing 65°C 95% RH
Shock (Drop Test)
1m drop on concrete 6 axes
* The Hercules MA510 MIMO antenna performance was measured with RG316 coaxial cable at 1 meter cable length
on a 30x30 cm ground plane.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn