Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2305 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2305
Description  PLLatinumTM 550 MHz Frequency Synthesizer for RF Personal Communications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2305 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMX2305 Datasheet HTML 1Page - National Semiconductor (TI) LMX2305 Datasheet HTML 2Page - National Semiconductor (TI) LMX2305 Datasheet HTML 3Page - National Semiconductor (TI) LMX2305 Datasheet HTML 4Page - National Semiconductor (TI) LMX2305 Datasheet HTML 5Page - National Semiconductor (TI) LMX2305 Datasheet HTML 6Page - National Semiconductor (TI) LMX2305 Datasheet HTML 7Page - National Semiconductor (TI) LMX2305 Datasheet HTML 8Page - National Semiconductor (TI) LMX2305 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Connection Diagram
LMX2305
TLW12459 – 2
20-Lead (0173 Wide) Thin Shrink
Small Outline Package (TM)
Order Number LMX2305TM or LMX2305TMX
See NS Package Number MTC20
Pin Descriptions
Pin No
Pin Name
IO
Description
1
OSCIN
I
Oscillator input A CMOS inverting gate input intended for connection to a crystal resonator for
operation as an oscillator The input has a VCC 2 input threshold and can be driven from an
external CMOS or TTL logic gate May also be from a reference oscillator
3
OSCOUT
O
Oscillator output
4VP
Power supply for charge pump Must be t VCC
5VCC
Power supply voltage input Input may range from 265V to 55V Bypass capacitors should be
placed as close as possible to this pin and be connected directly to the ground plane
6Do
O
Internal charge pump output For connection to a loop filter for driving the input of an external
VCO
7
GND
Ground
8
LD
O
Lock detect Output provided to indicate when the VCO frequency is in ‘‘lock’’ When the loop is
locked the pin’s output is HIGH with narrow low pulses
10
fIN
I
Prescaler input Small signal input from the VCO
11
CLOCK
I
High impedance CMOS Clock input Data is clocked in on the rising edge into the various
counters and registers
13
DATA
I
Binary serial data input Data entered MSB first LSB is control bit High impedance CMOS input
14
LE
I
Load enable input (with internal pull-up resistor) When LE transitions HIGH data stored in the
shift registers is loaded into the appropriate latch (control bit dependent) Clock must be low
when LE toggles high or low See Serial Data Input Timing Diagram
15
FC
I
Phase control select (with internal pull-up resistor) When FC is LOW the polarity of the phase
comparator and charge pump combination is reversed
16
BISW
O
Analog switch output When LE is HIGH the analog switch is ON routing the internal charge
pump output through BISW (as well as through Do)
17
fOUT
O
Monitor pin of phase comparator input CMOS output
18
wp
O
Output for external charge pump wp is an open drain N-channel transistor and requires a pull-up
resistor
19
PWDN
I
Power Down (with internal pull-up resistor)
PWDN e HIGH for normal operation
PWDN e LOW for power saving
Power down function is gated by the return of the charge pump to a TRI-STATE condition
20
wr
O
Output for external charge pump wr is a CMOS logic output
2912
NC
No connect
http
www nationalcom
2


Similar Part No. - LMX2305

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2301 NSC-LMX2301 Datasheet
225Kb / 14P
   PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
LMX2301TM NSC-LMX2301TM Datasheet
225Kb / 14P
   PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
LMX2301TMX NSC-LMX2301TMX Datasheet
225Kb / 14P
   PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306 Datasheet
300Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2305

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2301 NSC-LMX2301 Datasheet
225Kb / 14P
   PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
LMX1501A NSC-LMX1501A Datasheet
367Kb / 22P
   PLLatinumTM 1.1 GHz Frequency Synthesizer for RF Personal Communications
LMX2322 NSC-LMX2322 Datasheet
216Kb / 14P
   PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2332LTMX NSC-LMX2332LTMX Datasheet
563Kb / 23P
   PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2315 NSC-LMX2315 Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2314 NSC-LMX2314 Datasheet
371Kb / 20P
   1.2 GHz Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com