Electronic Components Datasheet Search |
|
HFBR-779BHWZ Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
HFBR-779BHWZ Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
2 / 22 page 2 Design Summary: Design for low-cost, high-volume manufacturing Avago Technologies’ parallel optics solution combines twelve 2.7 Gbd channels into discrete transmitter and receiver modules providing a maximum aggregate data rate of 32 Gb/s. Moreover, these modules employ a heat sink for thermal management when used on high-density cards, have excellent EMI performance, and interface with the industry standard MTP®/MPO connector systems. They provide the most cost-effective high- density (Gbd per inch) solutions for high-data capacity applications. See Figure 1 for the transmitter and Figure 2 for the receiver block diagrams. The HFBR-779BWZ transmitter and the HFBR-789BZ receiver modules provide very closely spaced, highspeed parallel data channels. Within these modules there will be some level of cross talk between channels. The cross talk within the modules will be exhibited as additional data jitter or sensitivity reduction compared to single-channel performance. Avago Technologies’ jitter and sensitiv- ity specifications include cross talk penalties and thus represent real, achievable module performance. Functional Description, Transmitter Section The transmitter section, Figure 1, uses a 12-channel 850 nm VCSEL array as the optical source and a diffractive optical lens array to launch the beam of light into the fiber. The package and connector system are designed to allow repeatable coupling into standard 12-fiber ribbon cable. In addition, this module has been designed to be compliant with IEC 60825 Class 1 eye safety requirements. The optical output is controlled by a custom IC, which provides proper laser drive parameters and monitors drive current to ensure eye safety. An EEPROM and state machine are programmed to provide both ac and dc current drive to the laser to ensure correct modulation, eye diagram and extinction ratio over variations of tem- perature and power supply voltages. Functional Description, Receiver Section The receiver section, Figure 2, contains a 12-channel AlGaAs/ GaAs photodetector array, transimpedence preamplifier, filter, gain stages to amplify and buffer the signal, and a quantizer to shape the signal. The Signal Detect function is designed to sense the proper optical output signal on each of the 12 channels. If loss of signal is detected on an individual channel, that channel output is squelched. Packaging The flexible electronic subassembly was designed to allow high-volume assembly and test of the VCSEL, PIN photo diode and supporting electronics prior to final assembly. Regulatory Compliance The overall equipment design into which the parallel optics module is mounted will determine the certifica- tion level. The module performance is offered as a figure of merit to assist the designer in considering their use in the equipment design. Organization Recognition See the Regulatory Compliance Table for a listing of the standards, standards associations and testing laboratories applicable to this product. Electrostatic Discharge (ESD) There are two design cases in which immunity to ESD damage is important. The first case is during handling of the module prior to mounting it on the circuit board. It is important to use normal ESD handling precautions for ESD sensitive devices. These precautions include using grounded wrist straps, work benches, and floor mats in ESD controlled areas. The second case to consider is static discharges to the exterior of the equipment chassis containing the module parts. To the extent that the MTP® (MTO) connector recep- tacle is exposed to the outside of the equipment chassis it may be subject to system level ESD test criteria that the equipment is intended to meet. See the Regulatory Compliance Table for further details. |
Similar Part No. - HFBR-779BHWZ |
|
Similar Description - HFBR-779BHWZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |