Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFBR-779BHWZ Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part No. HFBR-779BHWZ
Description  Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-779BHWZ Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-779BHWZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-779BHWZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-779BHWZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-779BHWZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-779BHWZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-779BHWZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-779BHWZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HFBR-779BHWZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HFBR-779BHWZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
Regulatory Compliance Table
Feature
Test Method
Performance
Electrostatic Discharge
(ESD) to the Electrical
Pads
JEDEC Human Body Model (HBM)
(JESD22-A114-B)
JEDEC Machine Model (MM)
Transmitter Module > 1000 V
Receiver Module > 2000 V
Transmitter Module > 50 V
Receiver Module > 200 V
Electrostatic Discharge
(ESD) to the Connector
Receptacle
Variation of IEC 61000-4-2
Typically withstands at leasr 6 kV air discharge
(with module biased) without damage.
Electromagnetic
Interference (EMI)
FCC Part 15 CENELEC EN55022
(CISPR 22A) VCCI Class 1
Typically pass with 10 dB margin. Actual
performance dependent on enclosure design.
Immunity
Variation of IEC 61000-4-3
Typically minimal effect from a 10 v/m field
swept from 80 MHz to 1 GHz applied to the
module without a chassis enclosure.
Laser Eye Safety and
Equipment Type Testing
IEC 60825-1 Amendment 2
CFR 21 Section 1040
POUT: IEC AEL & US FDA CRDH Class 1M
CDRH Accession Number: 9720151-22
TUV Certficate Number: E2171095.04
Component
Recognition
Underwriters Laboratories and Canadian
Standards Association Joint Component Rec-
ognition for Information Technology Equip-
ment including Electrical Business Equipment
UL File Number: E173874
RoHS Complaince
Less than 1000ppm of Cadmium, lead, mercury,
hexavalent chromium, polybrominated biphenyls,
and polybrominated biphenyl ethers


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn