Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAG673 Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # LAG673
Description  IC for Headphone Stereos Monolithic IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

LAG673 Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  LAG673 Datasheet HTML 1Page - Mitsumi Electronics, Corp. LAG673 Datasheet HTML 2Page - Mitsumi Electronics, Corp. LAG673 Datasheet HTML 3Page - Mitsumi Electronics, Corp. LAG673 Datasheet HTML 4Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MITSUMI
IC for Headphone Stereos LAG673
Characteristics
100
60
50
40
30
20
10
80
70
10
100
1k
10k
100k
Frequency (Hz)
VCC=3.0V
When VR=max.
TOTAL GAIN
POWER AMP GAIN
-10
-20
-30
-40
-50
1.0
2.0
3.0
4.0
5.0
0
PREAMP OFF
VR=max.
FR=100Hz
VR=100mVrms
RL=16
Ripple rejection rate-VCC
Power supply voltage (dB)
-10
-20
-30
-40
-50
100
1k
10k
100k
Frequency (Hz)
VCC=3.0V
Crosstalk frequency
40
50
60
70
30
20
10
Power supply voltage (V)
1.0
2.0
3.0
4.0
5.0
0
5
10
15
20
ICC-VCC
RL=16
RL=32
IOC (RL=16
Ω)
100
10
1
0.1
0.1
1
10
100
Power supply output (mW)
VCC=1.8V
VCC=2.0V
VCC=3.0V
THD-POUT
THD-VOUT
10.0
1.0
0.1
0.01
-30
-20
-10
0
Output voltage (dBm)
VCC=1.8V
VCC=2.0V
VCC=3.0V
0
-20
-40
-60
-80
0/6
1/6
2/6
3/6
4/6
5/6
6/6
(min.)
(max.)
Voltage controllability
(B curve mechanical volume knob)
VCC=3.0V
VATT-VCONT
Preamp
Power amp
POUT.
Power amp
Power amp
Voltage gain vs. Frequency
Attenuator


Similar Part No. - LAG673

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAG67F OSRAM-LAG67F Datasheet
424Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LAG673

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
LAG665 MITSUMI-LAG665 Datasheet
169Kb / 5P
   IC for Headphone Stereos Monolithic IC LAG 665
MM1376 MITSUMI-MM1376 Datasheet
81Kb / 3P
   IC for Headphone Stereos
LAG668 MITSUMI-LAG668 Datasheet
134Kb / 5P
   IC for Headphone Stereos (bass boost)
MM1336 MITSUMI-MM1336 Datasheet
88Kb / 3P
   IC for Headphone Stereos (with volume-limiting circuit) Monolithic IC MM1336
logo
Sony Corporation
CXA2566M SONY-CXA2566M Datasheet
153Kb / 12P
   Headphone Stereos
logo
Mitsumi Electronics, Co...
MM1424 MITSUMI-MM1424 Datasheet
59Kb / 5P
   IC for XO Monolithic IC
logo
Shenzhen Huazhimei Semi...
HM5266 HMSEMI-HM5266 Datasheet
187Kb / 4P
   IC for Apple Headphone Cable
logo
Weida Semiconductor, In...
YD7000 WEIDA-YD7000 Datasheet
31Kb / 4P
   POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
ON Semiconductor
LA4537MC-BH ONSEMI-LA4537MC-BH Datasheet
167Kb / 8P
   Power Amplifier for 1.5V Headphone Stereos
May, 2013
logo
Shenzhen Huazhimei Semi...
HM5268 HMSEMI-HM5268 Datasheet
522Kb / 5P
   IC for Apple Headphone Cable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com