Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-214 Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTV-214
Description  LITE-ON TECHNOLOGY CORPORATION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV-214 Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTV-214 Datasheet HTML 3Page - Lite-On Technology Corporation LTV-214 Datasheet HTML 4Page - Lite-On Technology Corporation LTV-214 Datasheet HTML 5Page - Lite-On Technology Corporation LTV-214 Datasheet HTML 6Page - Lite-On Technology Corporation LTV-214 Datasheet HTML 7Page - Lite-On Technology Corporation LTV-214 Datasheet HTML 8Page - Lite-On Technology Corporation LTV-214 Datasheet HTML 9Page - Lite-On Technology Corporation LTV-214 Datasheet HTML 10Page - Lite-On Technology Corporation LTV-214 Datasheet HTML 11Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
L I TE- O N TE C H N O L OG Y C O R P O RA T I ON
Property of LITE-ON Only
ELECTRICAL - OPTICAL CHARACTERISTICS
( Ta = 25
°C )
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT
CONDITIONS
Forward Voltage
VF
1.2
1.4
V
IF=±20mA
INPUT
Terminal Capacitance
Ct
60
pF
V=0, f=1MHz
Collector Dark Current
ICEO
100
nA
VCE=50V, IF=0
Collector-Emitter
Breakdown Voltage
BVCEO
80
V
IC=0.1mA
IF=0mA
OUTPUT
Emitter-Collector
Breakdown Voltage
BVECO
7
V
IE=10μA
IF=0mA
Collector Current
IC
0.8
3
mA
*1 Current Transfer Ratio
CTR
80
300
%
IF=±1mA
VCE=5V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.4
V
IF=±8mA
IC=2.4mA
Isolation Resistance
Riso
5
×1010 1×1011
DC500V
R.H.< 60%
Floating Capacitance
Cf
0.8
1
pF
V=0, f=1MHz
Response Time (Rise)
tr
3
18
µs
TRANSFER
CHARACTERISTICS
Response Time (Fall)
tf
4
18
µs
VCE=2V,
IC=±2mA
RL=100
*1 CTR
I
I
100%
C
F
=
×
Part No. :
LTV-214 / 244 -DE
Page :
7 of 14
BNS-OD-C131/A4
DEMA Electronic AG | Phone: +49 (0)89 28 69 41 0 | Fax: +49 (0)89 28 35 09 | Email: info@dema.net | Web: http://www.dema.net


Similar Part No. - LTV-214

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-214 TENAND-LTV-214 Datasheet
305Kb / 16P
   LITE-ON TECHNOLOGY CORPORATION
More results

Similar Description - LTV-214

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-214 TENAND-LTV-214 Datasheet
305Kb / 16P
   LITE-ON TECHNOLOGY CORPORATION
logo
Lite-On Technology Corp...
LTST-C930KGKT LITEON-LTST-C930KGKT Datasheet
641Kb / 11P
   LITE-ON TECHNOLOGY CORPORATION
LTPL-P00DWS65 LITEON-LTPL-P00DWS65 Datasheet
184Kb / 13P
   LITE-ON TECHNOLOGY CORPORATION
LTW-M140SZS40 LITEON-LTW-M140SZS40 Datasheet
538Kb / 12P
   LITE-ON TECHNOLOGY CORPORATION
LTL1CHTBK3 LITEON-LTL1CHTBK3 Datasheet
178Kb / 8P
   LITE-ON TECHNOLOGY CORPORATION
LTST-C170TBKT LITEON-LTST-C170TBKT Datasheet
548Kb / 11P
   LITE-ON TECHNOLOGY CORPORATION
LTST-C171KSKT LITEON-LTST-C171KSKT Datasheet
842Kb / 12P
   LITE-ON TECHNOLOGY CORPORATION
logo
Shenzhen Tenand Technol...
LTV-200 TENAND-LTV-200 Datasheet
201Kb / 10P
   LITE-ON TECHNOLOGY CORPORATION
LTV-217 TENAND-LTV-217 Datasheet
335Kb / 13P
   LITE-ON TECHNOLOGY CORPORATION
logo
Lite-On Technology Corp...
CNY17-1 LITEON-CNY17-1 Datasheet
170Kb / 9P
   LITE-ON TECHNOLOGY CORPORATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com