Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3209-021 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # HSDL-3209-021
Description  IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3209-021 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  HSDL-3209-021 Datasheet HTML 1Page - Lite-On Technology Corporation HSDL-3209-021 Datasheet HTML 2Page - Lite-On Technology Corporation HSDL-3209-021 Datasheet HTML 3Page - Lite-On Technology Corporation HSDL-3209-021 Datasheet HTML 4Page - Lite-On Technology Corporation HSDL-3209-021 Datasheet HTML 5Page - Lite-On Technology Corporation HSDL-3209-021 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3209-021 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3209-021 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3209-021 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image

Notes:
3. An in-band optical signal is a pulse/sequence where the peak wavelength,
λp, is defined as 850 ≤ λp ≤ 900 nm, and the pulse characteristics
are compliant with the IrDA Serial Infrared Physical Layer Link Specification v1.4.
Recommended Operating Conditions
Notes:
2.
≤ 20% duty cycle, ≤ 90 ms pulse width.
Absolute Maximum Ratings
For implementations where case to ambient thermal resistance is
≤ 50°C/W.
Parameter
Symbol
Min.
Max.
Units
Notes
Storage Temperature
TS
-40
+100
°C
Operating Temperature
TA
-25
85
°C
LED Anode Voltage
VLEDA
0
6.5
V
Supply Voltage
VCC
0
6.5
V
Input/Output Voltage
IOVCC
0
VCC
V
Input Voltage : SD
VI(SD)
0
IOVCC
V
Input Voltage : TXD
VI(TXD)
0
IOVCC
V
DC LED Transmit Current
ILED (DC)
50
mA
Peak LED Transmit Current
ILED (PK)
250
mA
2
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Operating Temperature
TA
-25
70
°C
Supply Voltage
VCC
2.4
3.6
V
Input/Output Voltage
IOVCC
1.5
VCC
V
Logic Input Voltage for
TXD/SD
Logic
High
VIH
IOVcc-0.2
IOVcc
V
The minimum input
logic voltage should not
be lower than 1.5V
Logic
Low
VIL
0
0.4
V
Receiver Input
Irradiance
Logic
High
EIH
0.0081
500
mW/cm2
For in-band signals
115.2kbit/s [3]
Logic
Low
EIL
1.0
mW/cm2
For in-band signals [3]
LED (Logic High)
Current Pulse Amplitude
ILEDA
50
mA
Receiver Data Rate
9.6
115.2
kbit/s
Ambient Light
See IrDA Serial Infrared Physical Layer Link Specification, Appendix A for ambient
levels


Similar Part No. - HSDL-3209-021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3209-021 HP-HSDL-3209-021 Datasheet
180Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results

Similar Description - HSDL-3209-021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
   Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
   IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
   IrDA Data Compliant 115.2 kbps Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-3007 AVAGO-ASDL-3007 Datasheet
582Kb / 19P
   Data Compliant Low Power 115.2 Kbit/s with Remote Control Infrared Transceiver
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
   Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com