Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC7900 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC7900
Description  THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC7900 Datasheet(HTML) 1 Page - Motorola, Inc

  MC7900 Datasheet HTML 1Page - Motorola, Inc MC7900 Datasheet HTML 2Page - Motorola, Inc MC7900 Datasheet HTML 3Page - Motorola, Inc MC7900 Datasheet HTML 4Page - Motorola, Inc MC7900 Datasheet HTML 5Page - Motorola, Inc MC7900 Datasheet HTML 6Page - Motorola, Inc MC7900 Datasheet HTML 7Page - Motorola, Inc MC7900 Datasheet HTML 8Page - Motorola, Inc MC7900 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MC7900
Series
DEVICE TYPE/NOMINAL OUTPUT VOLTAGE
MC7905
MC7905.2
MC7906
MC7908
5.0 V
5.2 V
6.0 V
8.0 V
MC7912
MC7915
MC7918
MC7924
12 V
15 V
28 V
24 V
THREE–TERMINAL
NEGATIVE FIXED
VOLTAGE REGULATORS
Pin 1. Ground
2. Input
3. Output
STANDARD APPLICATION
A common ground is required between the input
and the output voltages. The input voltage must
remain typically 2.0 V above more negative even
during the high point of the input ripple voltage.
These two digits of the type number
indicate nominal voltage.
Cin is required if regulator is located an
appreciable distance from power supply filter.
CO improve stability and transient response.
MC79XX
Input
Cin*
0.33
µF
CO**
1.0
µF
Output
T SUFFIX
PLASTIC PACKAGE
CASE 221A
Heatsink surface
connected to Pin 2.
D2T SUFFIX
PLASTIC PACKAGE
CASE 936
(D2PAK)
3
1
2
3
1
2
Heatsink surface (shown as terminal 4 in
case outline drawing) is connected to Pin 2.
XX,
**
**
Order this document by MC7900/D
1
MOTOROLA ANALOG IC DEVICE DATA
Three-Terminal Negative
Voltage Regulators
The MC7900 series of fixed output negative voltage regulators are
intended as complements to the popular MC7800 series devices. These
negative regulators are available in the same seven–voltage options as the
MC7800 devices. In addition, one extra voltage option commonly employed
in MECL systems is also available in the negative MC7900 series.
Available in fixed output voltage options from – 5.0 V to – 24 V, these
regulators employ current limiting, thermal shutdown, and safe–area
compensation – making them remarkably rugged under most operating
conditions. With adequate heatsinking they can deliver output currents in
excess of 1.0 A.
No External Components Required
Internal Thermal Overload Protection
Internal Short Circuit Current Limiting
Output Transistor Safe–Area Compensation
Available in 2% Voltage Tolerance (See Ordering Information)
Representative Schematic Diagram
Gnd
VO
VI
3.6 k
1.2 k
1.1 k
2.0 k
2.0 k
8.0 k
1.0 k
1.6 k
4.0 k
0.3
10 k
10 k
20 k
20 k
20 pF
10 pF
240
750
R1
R2
This device contains 26 active transistors.
ORDERING INFORMATION
Device
Output Voltage
Tolerance
Operating
Temperature Range
Package
MC79XXACD2T
2%
T0
°
125
°C
Surface Mount
MC79XXCD2T
4%
TJ =0° to +125°C
Surface Mount
MC79XXACT
2%
TJ = 0° to +125°C
Insertion Mount
MC79XXCT
4%
Insertion Mount
MC79XXBD2T
4%
TJ = – 40° to +125°C
Surface Mount
MC79XXBT
4%
TJ = – 40° to +125°C
Insertion Mount
XX indicates nominal voltage.
© Motorola, Inc. 1996
Rev 6


Similar Part No. - MC7900

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7900 ONSEMI-MC7900 Datasheet
143Kb / 14P
   1.0 A Negative Voltage Regulators
March, 2004 ??Rev. 12
MC7900 ONSEMI-MC7900 Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
MC7900 ONSEMI-MC7900 Datasheet
300Kb / 15P
   Negative Voltage Regulators 1.0 A
October, 2021 - Rev. 21
MC7900 ONSEMI-MC7900_05 Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
MC7900 ONSEMI-MC7900_06 Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
More results

Similar Description - MC7900

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7905CT MCC-MC7905CT Datasheet
166Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7905CT MCC-MC7905CT_11 Datasheet
264Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7915CT MCC-MC7915CT Datasheet
449Kb / 5P
   Three-Terminal Negative Voltage Regulators
logo
Toshiba Semiconductor
TA79L005P TOSHIBA-TA79L005P_06 Datasheet
446Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
KEC(Korea Electronics)
KIA79L05BP KEC-KIA79L05BP Datasheet
263Kb / 13P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
NEC
UPC79L00 NEC-UPC79L00 Datasheet
286Kb / 10P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS????
logo
Toshiba Semiconductor
TA79L05F TOSHIBA-TA79L05F_06 Datasheet
494Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com