Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3201-008 Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # HSDL-3201-008
Description  IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3201-008 Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  HSDL-3201-008 Datasheet HTML 1Page - Lite-On Technology Corporation HSDL-3201-008 Datasheet HTML 2Page - Lite-On Technology Corporation HSDL-3201-008 Datasheet HTML 3Page - Lite-On Technology Corporation HSDL-3201-008 Datasheet HTML 4Page - Lite-On Technology Corporation HSDL-3201-008 Datasheet HTML 5Page - Lite-On Technology Corporation HSDL-3201-008 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3201-008 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3201-008 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3201-008 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
Electrical & Optical Specifications
Specifications hold over the recommended operating conditions unless otherwise noted. Unspecified test conditions
may be anywhere in their operating range. All typical values are at 25
°C and 3.0 V unless otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Note
Receiver
Viewing Angle
2
f1/2
30
°
Peak Sensitivity
lp
880
nm
Wavelength
RXD Output
Logic High
VOH
VCC -0.2
VCC
VIOH=-200
μA, EI ≤ 0.3 μW/cm2
Voltage
Logic Low
VOL
00.4
V
IOL=200
μA8
RXD Pulse Width
tPW
2.0
2.45
3.0
μs8
RXD Rise Time
tR
11
20
ns
tPW (EI)=1.6
μs, CL =10 pF
RXD Fall Time
tF
16
25
ns
tPW (EI)=1.6
μs, CL =10 pF
Receiver Latency Time
tL
25
50
μs9
Receiver Wake Up Time
tRW
28
40
μs10
Transmitter
Radiant Intensity
EIH
4
9
28.8
mW/Sr TA = 25
°C, q1/2 ≤ 15°, TXD ≥ 2/3 VCC
Viewing Angle
2
q1/2
30
60
°
Peak Wavelength
lp
875
nm
Spectral Line Half Width
Dl1/2
35
nm
Optical Pulse Width
tOPW
1.41
1.6
2.23
μstPW (TXD) = 1.6 μs
Max. Optical Pulse Width
tOPWM
20
30
μs
TXD pin stuck high
Optical Rise Time
tOR
180
600
ns
tPW (TXD) = 1.6
μs
Optical Fall Time
tOF
180
600
ns
tPW (TXD) = 1.6
μs
TXD Logic
High
VIH
2/3 VCC
VCC
V
Levels
Low
VIL
0
1/3 VCC V
TXD Input
High
IH
25
nA
VI
≥ 2/3 VCC
Current
Low
IL
-15
nA
0
≤ VI ≤ 1/3 VCC
LED
On
IVLED
32
mA
VVLED=VCC=3.6 V, VI(TXD)
≥ 2/3 VCC
Current
Off
IVLED
1.5
nA
VVLED=VCC=3.6 V, VI(TXD)
≤ 1/3 VCC
Shutdown
IVLED
1.5
nA
VI(SD)
≥ 2/3 VCC
Transmitter Wake Up Time tTW
12
20
μs11
Transceiver
SD Logic
High
VIH
2/3 VCC
VCC
V
Levels
Low
VIL
0
1/3 VCC V
SD Input
High
IH
16
nA
VI
≥ 2/3 VCC
Current
Low
IL
-150
nA
0
≤ VI ≤ 1/3 VCC
DC Supply
Shutdown
ICC1
20
200
nA
VCC=3.6 V,VSD
≥ VCC - 0.5, TA=25°C
Current
Idle
ICC2
100
μAVCC=3.6 V, VI(TXD) ≤ 1/3 VCC, EI=0
AC Supply
Active,
ICC3
0.8
3.0
mA
VCC=3.6 V, VI(TXD)
≤ 1/3 VCC
12,13
Current
Receive
Active,
ICC4
9.0
mA
VCC=3.6 V, VI(TXD)
≥ 2/3 VCC
14
Transmit
Notes at top of next page.
VCC-0.5
VCC-0.5
50
50
30
50
200
120
80
100
500
VCC-0.5
35
10
VGND+0.4
VGND+0.4
VGND+0.4,EI=0
VGND+0.4
VGND+0.4
VGND+0.4
VGND+0.4
VCC-0.5
VCC-0.5
VCC-0.5
VCC-0.5
VCC-0.5
37.3


Similar Part No. - HSDL-3201-008

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results

Similar Description - HSDL-3201-008

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3202 HP-HSDL-3202 Datasheet
284Kb / 16P
   IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3612 LITEON-HSDL-3612 Datasheet
1Mb / 25P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com