Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX1475NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # TX1475NL
Description  T1/E1/CEPT/ISDN-PRI TRANSFORMER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

TX1475NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  TX1475NL Datasheet HTML 1Page - Pulse A Technitrol Company TX1475NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T671.H (12/12)
1
pulseelectronics.com
T1/E1/CEPT/ISDN-PRI TRANSFORMER
RoHS peak reflow temperature rating 245�C
Industry’s smallest T1/E1 quad-port transformer module
Crosstalk: -60 dB typically
Operating temperature range: -40�C to +85�C
UL recognized (some parts pending approval)
Isolation voltage: 1500 Vrms
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C - Operating Temperature -40°C to +85°C
RoHS-6
Compliant
Part Number
Turns Ratio
(Pri:Sec 2%)
OCL Secondary
@ 25�C
(mH MIN)
L
(
μH MAX)
w/w
(pF MAX)
Isolation
Voltage
(Vrms MIN)
Package/
Schematic
Primary Pins
1-2, 3-4, 5-6, 7-8
9-10, 11-12, 13-14, 15-16
1-2, 5-6, 9-10, 13-14 &
3-4, 7-8, 11-12, 15-16
1-2, 3-4, 5-6, 7-8
9-10, 11-12, 13-14, 15-16
1-2, 3-4, 5-6, 7-8
9-10, 11-12, 13-14, 15-16
1-2, 7-8, 9-10, 15-16 &
3-4, 5-6, 11-12, 13-14
1-2, 5-6, 9-10, 13-14 &
3-4, 5-6, 11-12, 15-16
1-2, 5-6, 9-10, 13-14 &
3-4, 5-6, 11-12, 15-16
1-2, 7-8, 9-10, 15-16 &
3-4, 5-6, 11-12, 13-14
Octal SMT Transformer Module, Small Package
L
C
TX1341NL
TX1344NL
TX1470NL
TX1471NL
TX1472NL
TX1473NL
TX1474NL
TX1475NL
1:2
1.2
.60
30
1500
YB/1
1:1 & 1:2
1.2
.60
40
1500
YB/1
1:1.41
1.2
.60
30
1500
YB/1
1:1
1.2
.60
30
1500
YB/1
1:2.4 & 1:1
1.2
.60
30
1500
YB/1
1:2 & 1:1
1.2
.60
30
1500
YB/1
1:2.42
1.2
.60
30
1500
YB/1
1:2 & 1:1
1.2
.60
30
1500
YB/1


Similar Part No. - TX1475NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
TX1475NL PULSE-TX1475NL Datasheet
453Kb / 2P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
More results

Similar Description - TX1475NL

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S1312 BOTHHAND-S1312 Datasheet
71Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
S1313 BOTHHAND-S1313 Datasheet
77Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1064 BOTHHAND-4S1064 Datasheet
78Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1071 BOTHHAND-4S1071 Datasheet
82Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1073 BOTHHAND-4S1073 Datasheet
76Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1126 BOTHHAND-4S1126 Datasheet
85Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1142 BOTHHAND-4S1142 Datasheet
65Kb / 1P
   T1/CEPT/E1/ISDN-PRI TRANSFORMER
S1096 BOTHHAND-S1096 Datasheet
52Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
S1035 BOTHHAND-S1035 Datasheet
56Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1124 BOTHHAND-4S1124 Datasheet
66Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1473M BOTHHAND-4S1473M Datasheet
101Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com