Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20DKBG5 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 20DKBG5
Description  GENERAL PURPOSE FILTERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

20DKBG5 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  20DKBG5 Datasheet HTML 1Page - Delta Electronics, Inc. 20DKBG5 Datasheet HTML 2Page - Delta Electronics, Inc. 20DKBG5 Datasheet HTML 3Page - Delta Electronics, Inc. 20DKBG5 Datasheet HTML 4Page - Delta Electronics, Inc. 20DKBG5 Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1. Effectively control EMI suppression of both line-to-line
and line-to-ground noise.
2. All part numbers are UL recognized, CSA certified and
VDE approved.
1. Maximum leakage current each
line-to-ground @ 115VAC 60Hz: 0.25mA
@ 250VAC 50Hz: 0.45mA
2
2. Hipot rating (one minute)
line-to-ground: 2250VDC
line-to-line: 1450VDC
3. Operating frequency: 50/60Hz
4. Rated voltage: 115/250VAC
1.0mA (10000pF)
.0mA (10000pF)
5-6
R
R
L
L
Cy
Cy
Cx
C2
Cx
C1
L
L
G
G
N
N
N
N
E
E
I
I
Cy
Cy
L
L
N'
N'
A
A
D
D
O
O
L
L
L'
L'
XXDKXX5B
PART NO.
Cx (uF)
L (mH)
Cy (pF)
R (
)
03DKBG5B
2.5
1.0M
06DKBG5B
1.0
12DKBG5B
0.7
470K
16DKCG5B
0.15
4700
0.65
16DKCW5B
1.0M
20DKCG5B
0.60
20DKCS5B
30DKCS5B
0.47
0.67
10000
470K
SERIES
GENERAL PURPOSE FILTERS
INTRODUCTIONS
SPECIFICATIONS
ELECTRICAL SCHEMATIC
*
*
DEMKO approved only
COMPONENTS
PART NO.
C1 (uF)
C2 (uF)
L (mH)
Cy (pF)
R (
)
02DKAG5
2.1
02DKAW5
03DKAG5
3.2
03DKAW5
03DKDG3S
4.5
03DKDW3S
05DKAG5
2.7
05DKAS5
0.22
0.22
05DKAW5
3300
2.2M
05DKDG3S
2.5
05DKDW3S
10DKAG5
10DKAS5
10DKAW5
1.7
10DKDG3S
10DKDW3S
16DKCG5
0.47
0.47
6.0
10000
330K
20DKBG5
0.22
0.22
1.4
3300
2.2M
20DKBS5
30DKCS5
0.22
0.47
0.59
10000
470K
MINIMUM INSERTION LOSS IN dB
COMMON MODE (L-G) IN 50 OHM SYSTEM
DIFFERENTIAL MODE (L-L) IN 50 OHM SYSTEM
CURRENT
FREQUENCY-MHz
STYLE
RATING
.15
.50
1.0
5.0
10
30
2,3,5
20A
BG5, BS5
14
19
28
40
42
35
30A
CS5
10
20
30
40
45
30
2,3,5
20A
BG5, BS5
14
19
28
40
42
35
30A
CS5
10
20
30
40
45
30
AG5, AWG
22
30
38
47
50
40
A
AS5
22
30
38
47
50
40
DG3S
22
30
38
50
55
45
3A(S)
22
30
38
50
55
45
5A(S)
DW3S
AG5, AS5
15
20
28
45
45
45
10A
AW5
15
20
28
45
45
45
10A(S)
DG3S, DW3S
15
20
28
45
45
45
16A
CG5
25
35
40
45
45
20
AG5, AWG
22
30
38
47
50
40
A
AS5
22
30
38
47
50
40
3A(S)
DG3S
22
30
38
50
55
45
5A(S)
DW3S
22
30
38
50
55
45
AG5, AS5
15
20
28
45
45
45
10A
AW5
15
20
28
45
45
45
10A(S)
DG3S, DW3S
15
20
28
45
45
45
16A
CG5
25
35
40
45
45
20
COMMON MODE (L-G) IN 50 OHM SYSTEM
DIFFERENTIAL MODE (L-L) IN 50 OHM SYSTEM
CURRENT
FREQUENCY-MHz
STYLE
RATING
.15
.50
1.0
5.0
10
30
3A
BG5B
20
30
35
45
50
45
6A
BG5B, BW5B
15
20
25
40
45
45
12A
BG5B
10
20
22
35
45
40
16A
CG5B, CW5B
10
18
20
35
45
30
20A
CG5B, CS5B
10
18
20
30
35
35
30A
CS5B
10
25
30
45
50
35
3A
BG5B
7
35
50
45
45
45
6A
BG5B, BW5B
10
20
45
45
50
45
12A
BG5B
10
20
40
45
45
45
16A
CG5B, CW5B
10
18
40
40
40
35
20A
CG5B, CS5B
10
12
35
35
40
40
30A
CS5B
12
40
50
50
50
45
D
V
E


Similar Part No. - 20DKBG5

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
20DKBG5 DELTA-20DKBG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
20DKBG5 DELTA-20DKBG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
20DKBG5 DELTA-20DKBG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
More results

Similar Description - 20DKBG5

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
05DKAG5 DELTA-05DKAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
10DKAS5 DELTA-10DKAS5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
03DEEG3E DELTA-03DEEG3E Datasheet
1Mb / 5P
   GENERAL PURPOSE FILTERS
05DBAG5 DELTA-05DBAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
03DBAW5 DELTA-03DBAW5 Datasheet
1Mb / 5P
   GENERAL PURPOSE FILTERS
10DBAG5 DELTA-10DBAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
16DKCG5B DELTA-16DKCG5B Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
20DBAG5 DELTA-20DBAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
20DBCS5B DELTA-20DBCS5B Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
03DKAG5 DELTA-03DKAG5 Datasheet
1Mb / 5P
   GENERAL PURPOSE FILTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com