Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KCF25A40 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # KCF25A40
Description  FRD - Low Forward Voltage Drop
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

KCF25A40 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  KCF25A40 Datasheet HTML 1Page - Nihon Inter Electronics Corporation KCF25A40 Datasheet HTML 2Page - Nihon Inter Electronics Corporation KCF25A40 Datasheet HTML 3Page - Nihon Inter Electronics Corporation KCF25A40 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FRD Type :
KCF25A40
KCF25A40
KCF25A40
KCF25A40
OUTLINE DRAWING
Maximum Ratings
Approx Net Weight:5.55g
Rating
Symbol
KCF25A40
Unit
Repetitive Peak Reverse Voltage
VRRM
400
V
Non-repetitive Peak Reverse Voltage
VRSM
440
V
Average Rectified Output Current
IO
25
Tc=85
°C
50 Hz,Full Sine Wave
Resistive Load
A
RMS Forward Current
IF(RMS)
28
A
Surge Forward Current
IFSM
150
50 Hz Full Sine Wave,1cycle
Non-repetitive
A
Operating JunctionTemperature Range
Tjw
- 40 to + 150
°C
Storage Temperature Range
Tstg
- 40 to + 150
°C
Mounting torque
0.5 Recommended value
N・m
Electrical
• Thermal Characteristics
Characteristics
Symbol
Conditions
Min. Typ. Max. Unit
Peak Reverse Current
IRM
Tj=25
°C,VRM=VRRM per Arm
-
-
50
µA
Peak Forward Voltage
VFM
Tj=25
°C, IFM=12.5A per Arm
-
-
1.25
V
Reverse Recovery Time
trr
IFM=10 A,
-di/dt= 50 A/
µs, Ta= 25°C
-
-
50
ns
Thermal Resistance
Rth(j-c) Junction to Case
-
-
2
°C/W
FEATURES
* Similar to TO-247AC (TO-3P) Case
* Dual Diodes – Cathode Common
* Ultra – Fast Recovery
* Low Forward Voltage Drop
* High Surge Capability
* 200 Volts thru 400 Volts Types Available


Similar Part No. - KCF25A40

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KCF25A40 KSS-KCF25A40 Datasheet
754Kb / 5P
   Fast Recovery Diode
logo
National Instruments Co...
KCF25A40 NI-KCF25A40_15 Datasheet
115Kb / 1P
   FRED
More results

Similar Description - KCF25A40

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FSF10A40B NIEC-FSF10A40B Datasheet
54Kb / 4P
   FRD - Low Forward Voltage Drop
KCU20A60 NIEC-KCU20A60 Datasheet
45Kb / 5P
   FRD - Low Forward Voltage Drop
FSF05A40B NIEC-FSF05A40B Datasheet
54Kb / 4P
   FRD - Low Forward Voltage Drop
GSF05A40B NIEC-GSF05A40B Datasheet
52Kb / 4P
   FRD - Low Forward Voltage Drop
GSF05A60 NIEC-GSF05A60 Datasheet
51Kb / 4P
   FRD - Low Forward Voltage Drop
GSF10A40B NIEC-GSF10A40B Datasheet
52Kb / 4P
   FRD - Low Forward Voltage Drop
KCF60A20E NIEC-KCF60A20E Datasheet
44Kb / 4P
   FRD - Low Forward Voltage Drop
KCU30A30 NIEC-KCU30A30 Datasheet
59Kb / 5P
   FRD - Low Forward Voltage Drop
KSF60A60B NIEC-KSF60A60B Datasheet
43Kb / 4P
   FRD - Low Forward Voltage Drop
FSF05A20 NIEC-FSF05A20 Datasheet
53Kb / 4P
   FRD - Low Forward Voltage Drop
FCF16A40 NIEC-FCF16A40 Datasheet
53Kb / 4P
   FRD - Low Forward Voltage Drop
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com