Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03DRCW5 Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # 03DRCW5
Description  HIGH PERFORMANCE FILTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

03DRCW5 Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  03DRCW5 Datasheet HTML 1Page - Delta Electronics, Inc. 03DRCW5 Datasheet HTML 2Page - Delta Electronics, Inc. 03DRCW5 Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DG3S
DW3S
SUGGESTED MOUNTING CUTOUT
CG5
GS5
CS5
E
A MAX.
D
0.188(2X)
4.8(2X)
A MAX.
D
E
#8-32
0.188(2X)
4.8(2X)
6-9
#8-32
A MAX.
50.8
2.0
0.255X0.157(4X)
6.5X4.0(4X)
E
A
E
A
#6-32X1/4
TAPPED INSERT
1.575 0.005
0.157(2X)
4.0(2X)
40.0 0.13
R0.24MAX.(4X)
31.0 0.13
1.22 0.005
R6.0MAX.(4X)
+
-
+
-
+
-
+
-
WIRE LENGTH : 4.0" MIN.
UNIT:
INCH
mm
SUGGESTED MOUNTING CUTOUT
1.575 0.005
0.157(2X)
4.0(2X)
40.0 0.13
R0.24MAX.(4X)
31.0 0.13
1.22 0.005
R6.0MAX.(4X)
+
-
+
-
+
-
+
-
#6-32X1/4
TAPPED INSERT
BLUE
BROWN
G/Y
MECHANICAL CONSTRUCTION


Similar Part No. - 03DRCW5

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03DRCW5 DELTA-03DRCW5 Datasheet
289Kb / 3P
   HIGH PERFORMANCE FILTERS
03DRCW5 DELTA-03DRCW5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
03DRCW5 DELTA-03DRCW5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
03DRCW5 DELTA-03DRCW5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
03DRCW5 DELTA-03DRCW5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
More results

Similar Description - 03DRCW5

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03DRCW5 DELTA-03DRCW5 Datasheet
289Kb / 3P
   HIGH PERFORMANCE FILTERS
03DRCG5 DELTA-03DRCG5 Datasheet
289Kb / 3P
   HIGH PERFORMANCE FILTERS
10DRCW5 DELTA-10DRCW5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
20DRGS5 DELTA-20DRGS5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
05DRCW5 DELTA-05DRCW5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
05DRDG3S DELTA-05DRDG3S Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
10DRCG5 DELTA-10DRCG5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
03KEEG3DA DELTA-03KEEG3DA Datasheet
91Kb / 1P
   HIGH PERFORMANCE IEC CONNECTOR FILTERS
01GEEG3E DELTA-01GEEG3E Datasheet
569Kb / 3P
   HIGH PERFORMANCE IEC CONNECTOR FILTERS
KEN DELTA-KEN Datasheet
163Kb / 1P
   HIGH PERFORMANCE SNAP-IN FILTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com