Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03DBAG5 Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # 03DBAG5
Description  GENERAL PURPOSE FILTERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

03DBAG5 Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  03DBAG5 Datasheet HTML 1Page - Delta Electronics, Inc. 03DBAG5 Datasheet HTML 2Page - Delta Electronics, Inc. 03DBAG5 Datasheet HTML 3Page - Delta Electronics, Inc. 03DBAG5 Datasheet HTML 4Page - Delta Electronics, Inc. 03DBAG5 Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5-3
AW5
AG5
CG5
DW3S
mm
INCH
UNIT:
A
E
SUGGESTED MOUNTING CUTOUT
WIRE LENGTH : 4.0" MIN.
1.575 0.005
0.157
4.0
40.0 0.13
R0.24MAX.
31.0 0.13
1.22 0.005
+
-
R6.0MAX.
+
-
+
-
+
-
BLUE
BROWN
G/Y
#6-32X1/4
MECHANICAL CONSTRUCTION
A
4.8(2X)
0.188(2X)
E
A MAX.
D
4.8(2X)
0.188(2X)
A
4.8(2X)
0.188(2X)
BLUE
BLUE
BROWN
BROWN
G/Y


Similar Part No. - 03DBAG5

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03DBAG5 DELTA-03DBAG5 Datasheet
155Kb / 2P
   MODELS OTHER THAN POWER ENTRY MODULE TYPES AND P.C. BOARD MOUNTING TYPES
03DBAG5 DELTA-03DBAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
03DBAG5 DELTA-03DBAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
03DBAG5 DELTA-03DBAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
More results

Similar Description - 03DBAG5

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
05DKAG5 DELTA-05DKAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
10DKAS5 DELTA-10DKAS5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
03DEEG3E DELTA-03DEEG3E Datasheet
1Mb / 5P
   GENERAL PURPOSE FILTERS
05DBAG5 DELTA-05DBAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
30DKCS5 DELTA-30DKCS5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
03DBAW5 DELTA-03DBAW5 Datasheet
1Mb / 5P
   GENERAL PURPOSE FILTERS
10DBAG5 DELTA-10DBAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
16DKCG5B DELTA-16DKCG5B Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
20DBCS5B DELTA-20DBCS5B Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
03DKAG5 DELTA-03DKAG5 Datasheet
1Mb / 5P
   GENERAL PURPOSE FILTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com