Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03DKAW5 Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # 03DKAW5
Description  GENERAL PURPOSE FILTERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

03DKAW5 Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  03DKAW5 Datasheet HTML 1Page - Delta Electronics, Inc. 03DKAW5 Datasheet HTML 2Page - Delta Electronics, Inc. 03DKAW5 Datasheet HTML 3Page - Delta Electronics, Inc. 03DKAW5 Datasheet HTML 4Page - Delta Electronics, Inc. 03DKAW5 Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DW3S
DG3
5-10
SUGGESTED MOUNTING CUTOUT
mm
INCH
UNIT:
BG5B
(option wire style)
CG5B
CW5B
B
CS5B
#6-32X1/4
TAPPED INSERT
E
A
1.575 0.005
0.157(2X)
4.0(2X)
40.0 0.13
+
-
R0.24MAX.(4X)
31.0 0.13
1.22 0.005
+
-
R6.0MAX.(4X)
+
-
+
-
WIRE LENGTH : 4.0" MIN.
BLUE
BROWN
G/Y
SUGGESTED MOUNTING CUTOUT
#6-32X1/4
TAPPED INSERT
E
A
1.575 0.005
0.157(2X)
4.0(2X)
40.0 0.13
+
-
R0.24MAX.(4X)
31.0 0.13
1.22 0.005
+
-
R6.0MAX.(4X)
+
-
+
-
B
D
A
6.3(2X)
0.248(2X)
D
A
B
6.3(2X)
0.248(2X)
WIRE LENGTH : 4.0" MIN.
F
BLUE
BROWN
G/Y
D
F
BLUE
BROWN
A
6.3(2X)
0.248(2X)
D
B
A
#8-32
6.3(2X)
0.248(2X)
MECHANICAL CONSTRUCTION


Similar Part No. - 03DKAW5

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03DKAW5 DELTA-03DKAW5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
03DKAW5 DELTA-03DKAW5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
03DKAW5 DELTA-03DKAW5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
More results

Similar Description - 03DKAW5

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
05DKAG5 DELTA-05DKAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
10DKAS5 DELTA-10DKAS5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
03DEEG3E DELTA-03DEEG3E Datasheet
1Mb / 5P
   GENERAL PURPOSE FILTERS
05DBAG5 DELTA-05DBAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
30DKCS5 DELTA-30DKCS5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
03DBAW5 DELTA-03DBAW5 Datasheet
1Mb / 5P
   GENERAL PURPOSE FILTERS
10DBAG5 DELTA-10DBAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
20DBAG5 DELTA-20DBAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
20DBCS5B DELTA-20DBCS5B Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
03DKAG5 DELTA-03DKAG5 Datasheet
1Mb / 5P
   GENERAL PURPOSE FILTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com