Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

02DKAG5 Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # 02DKAG5
Description  GENERAL PURPOSE FILTERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

02DKAG5 Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  02DKAG5 Datasheet HTML 1Page - Delta Electronics, Inc. 02DKAG5 Datasheet HTML 2Page - Delta Electronics, Inc. 02DKAG5 Datasheet HTML 3Page - Delta Electronics, Inc. 02DKAG5 Datasheet HTML 4Page - Delta Electronics, Inc. 02DKAG5 Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5-7
10K
100K
1M
10M
03DKAG5
20DKBS5
DIFF. MODE
DIFF. MODE
COMMON MODE
COMMON MODE
80 dB
20 dB
40 dB
60 dB
0 dB
100K
10K
1M
10M
02DKAG5
05DKAG5
80 dB
20 dB
40 dB
60 dB
0 dB
DIFF. MODE
DIFF. MODE
COMMON MODE
COMMON MODE
05DKDG3S
10DKAG5
100K
10K
1M
DIFF. MODE
DIFF. MODE
COMMON MODE
COMMON MODE
80 dB
20 dB
40 dB
60 dB
0 dB
100 dB
10K
100K
1M
80 dB
60 dB
40 dB
10M
100K
10K
1M
16DKCW5B
COMMON MODE
20 dB
16DKCS5B
0 dB
12DKBG5B
12DKBW5B
16DKCG5B
COMMON MODE
100 dB
80 dB
60 dB
40 dB
20 dB
0 dB
06DKBW5B
06DKBG5B
03DKBG5B
COMMON MODE
COMMON MODE
10M
DIFF. MODE
DIFF. MODE
DIFF. MODE
DIFF. MODE
INSERTION LOSS (TYPICAL)
SERIES DIMENSIONS
CURRENT
STYLE
RATING
A
B
C
D
E
2.99
AG5
75.9
0.90
2A
1.83
22.9
AW5
46.5
2.38
2.79
2.99
60.5
70.9
AG5
75.9
1.16
1.83
29.5
AW5
46.5
3A
3.14
DG3S
79.8
1.29
1.575
0.61
2.55
32.8
40.0
15.5
DW3S
64.8
2.99
AG5
75.9
2.04
1.83
51.8
1.16
2.38
2.79
AW5
46.5
29.5
60.5
70.9
3.37
5A
AS5
85.6
3.14
DG3S
79.8
1.29
1.575
0.61
2.55
32.8
40.0
15.5
DW3S
64.8
3.25
AG5
82.5
2.08
1.16
2.38
2.79
AW5
52.8
29.5
60.5
70.9
3.37
10A
AS5
85.6
3.22
DG3S
81.5
2.30
1.29
1.575
0.61
2.63
58.4
32.8
40.0
15.5
DW3S
66.8
3.75
2.06
1.54
2.94
3.34
16A
CG5
95.3
52.3
39.1
74.7
84.8
3.25
3.36
BG5
82.5
2.52
85.3
20A
3.37
64.0
1.54
2.94
3.37
BS5
85.6
39.1
74.7
85.6
3.87
2.04
3.36
30A
CS5
98.3
51.8
85.3
DIMENSIONS IN INCHES/mm


Similar Part No. - 02DKAG5

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
02DKAG5 DELTA-02DKAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
02DKAG5 DELTA-02DKAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
02DKAG5 DELTA-02DKAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
More results

Similar Description - 02DKAG5

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
05DKAG5 DELTA-05DKAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
10DKAS5 DELTA-10DKAS5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
03DEEG3E DELTA-03DEEG3E Datasheet
1Mb / 5P
   GENERAL PURPOSE FILTERS
05DBAG5 DELTA-05DBAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
30DKCS5 DELTA-30DKCS5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
03DBAW5 DELTA-03DBAW5 Datasheet
1Mb / 5P
   GENERAL PURPOSE FILTERS
10DBAG5 DELTA-10DBAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
20DBAG5 DELTA-20DBAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
20DBCS5B DELTA-20DBCS5B Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
03DKAG5 DELTA-03DKAG5 Datasheet
1Mb / 5P
   GENERAL PURPOSE FILTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com