Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20DKBS5 Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # 20DKBS5
Description  GENERAL PURPOSE FILTERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

20DKBS5 Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  20DKBS5 Datasheet HTML 1Page - Delta Electronics, Inc. 20DKBS5 Datasheet HTML 2Page - Delta Electronics, Inc. 20DKBS5 Datasheet HTML 3Page - Delta Electronics, Inc. 20DKBS5 Datasheet HTML 4Page - Delta Electronics, Inc. 20DKBS5 Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5-8
AW5
AG5
A
0.188(2X)
4.8(2X)
mm
INCH
UNIT:
A
WIRE LENGTH : 4.0" MIN.
0.188(2X)
4.8(2X)
BLUE
G/Y
BLUE
BROWN
BROWN
MECHANICAL CONSTRUCTION
SERIES DIMENSIONS
CURRENT
STYLE
ABCDE
F
RATING
3A
BG5B
-
2.13
2.54
1.34
1.77
-
6A
BG5B
54.0
64.5
34.0
45.0
-
12A
BG5B
1.18
30.0
3.94
CG5B
100.0
2.40
2.81
1.79
2.02
16A
61.0
71.5
45.5
51.3
-
CW5B
3.94
CG5B
2.95
3.34
2.04
2.52
100.0
20A
75.0
84.8
51.8
64.0
-
CS5B
4.06
4.49
2.22
3.74
1.83
-
30A
CS5B
103.0
114.0
56.5
95.0
46.4
DIMENSIONS IN INCHES/mm


Similar Part No. - 20DKBS5

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
20DKBS5 DELTA-20DKBS5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
20DKBS5 DELTA-20DKBS5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
20DKBS5 DELTA-20DKBS5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
More results

Similar Description - 20DKBS5

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
05DKAG5 DELTA-05DKAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
03DEEG3E DELTA-03DEEG3E Datasheet
1Mb / 5P
   GENERAL PURPOSE FILTERS
05DBAG5 DELTA-05DBAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
30DKCS5 DELTA-30DKCS5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
03DBAW5 DELTA-03DBAW5 Datasheet
1Mb / 5P
   GENERAL PURPOSE FILTERS
10DBAG5 DELTA-10DBAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
16DKCG5B DELTA-16DKCG5B Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
20DBAG5 DELTA-20DBAG5 Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
20DBCS5B DELTA-20DBCS5B Datasheet
2Mb / 5P
   GENERAL PURPOSE FILTERS
03DKAG5 DELTA-03DKAG5 Datasheet
1Mb / 5P
   GENERAL PURPOSE FILTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com