Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3990MFX-1.8 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3990MFX-1.8
Description  150mA Linear Voltage Regulator for Digital Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3990MFX-1.8 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LP3990MFX-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LP3990MFX-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LP3990MFX-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LP3990MFX-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LP3990MFX-1.8 Datasheet HTML 9Page - National Semiconductor (TI) LP3990MFX-1.8 Datasheet HTML 10Page - National Semiconductor (TI) LP3990MFX-1.8 Datasheet HTML 11Page - National Semiconductor (TI) LP3990MFX-1.8 Datasheet HTML 12Page - National Semiconductor (TI) LP3990MFX-1.8 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Typical Performance Characteristics. Unless otherwise specified, C
IN = 1.0µF Ceramic, COUT =
0.47 µF Ceramic, V
IN =VOUT(NOM) + 1.0V, TA = 25˚C, VOUT(NOM) = 1.5V , Shutdown pin is tied to VIN. (Continued)
Enable Start-up Time
Enable Start-up Time
20076821
20076822
Load Transient
Noise Density
20076825
20076828
www.national.com
9


Similar Part No. - LP3990MFX-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990MFX-1.8 TI-LP3990MFX-1.8 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990MFX-1.8 TI-LP3990MFX-1.8 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990MFX-1.8/NOPB TI1-LP3990MFX-1.8/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
More results

Similar Description - LP3990MFX-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990TL-0.8 TI-LP3990TL-0.8 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990MF-3.3 TI-LP3990MF-3.3 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3991 TI1-LP3991_14 Datasheet
1Mb / 20P
[Old version datasheet]   300mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990_16 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990_15 Datasheet
996Kb / 28P
[Old version datasheet]   LP3990 150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3991 300-mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
ISL78301 INTERSIL-ISL78301 Datasheet
401Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
logo
Monolithic Power System...
MP2000 MPS-MP2000 Datasheet
184Kb / 6P
   Low Input Voltage 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com