Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20DRGG5 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 20DRGG5
Description  HIGH PERFORMANCE FILTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

20DRGG5 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  20DRGG5 Datasheet HTML 1Page - Delta Electronics, Inc. 20DRGG5 Datasheet HTML 2Page - Delta Electronics, Inc. 20DRGG5 Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1. Two-stage filters provide high performance in suppressing
both line-to-line and line-to-ground noise.
2. All part numbers are UL recognized, CSA certified and VDE
approved.
E
N
G
L
N
I
L
C1
L'
G'
N'
C2
Cy
Cy
L1
R
D
L2
C3
A
O
L
1. Maximum leakage current each
line-to-ground @ 115VAC 60Hz: 0.25mA
@ 250VAC 50Hz: 0.45mA
2. Hipot rating (one minute)
line-to-ground: 2250VDC
line-to-line: 1450VDC
3. Operating frequency: 50/60Hz
4. Rated voltage: 115/250VAC
6-7
SERIES
HIGH PERFORMANCE FILTERS
INTRODUCTIONS
SPECIFICATIONS
COMPONENTS
R: 2.2M , Cy: 3300pF.
No safety approval yet, R: 1.0M
VDE approved to 16A/250VAC, C2: 0.33 uF
*
*
PART NO.
C1,C2,C3(uF)
L1,L2(mH)
02DRCG5
0.1
2.4
02DRCW5
03DRCG5
1.7
03DRCW5
03DRDG3S
2.8
03DRDW3S
05DRCG5
1.6
0.22
05DRCW5
05DRDG3S
1.3
1.3
05DRDW3S
10DRCG5
10DRCS5
1.0
10DRCW5
15DRCG5
0.1
0.9
20DRGG5
0.22
1.0
20DRGS5
ELECTRICAL SCHEMATIC
SERIES DIMENSIONS
PART NO.
AB
C
DE
3.25
2.77
02DRCG5
82.5
1.82
2.38
70.4
2.08
46.2
60.5
2.77
02DRCW5
52.8
1.15
70.4
3.75
2.02
29.2
03DRCG5
2.94
3.34
95.2
51.3
2.58
2.04
74.7
84.8
03DRCW5
65.5
51.8
3.14
03DRDG3S
79.8
1.575
0.61
1.28
2.02
32.5
40.0
15.5
2.55
51.3
03DRDW3S
64.8
3.75
05DRCG5
2.94
3.34
95.2
1.15
2.58
2.04
29.2
74.7
84.8
05DRCW5
65.5
51.8
3.14
05DRDG3S
79.8
1.27
1.575
0.61
2.55
32.3
40.0
15.5
05DRDW3S
64.8
2.02
3.75
51.3
10DRCG5
95.2
3.87
1.52
2.94
3.34
10DRCS5
98.3
38.6
74.6
84.5
2.50
10DRCW5
63.5
3.75
2.08
1.79
2.94
3.36
15DRCG5
95.2
52.8
45.5
74.7
85.3
20DRGG5
5.14
3.33
1.52
3.75
4.14
130.5
84.6
38.6
95.3
105.1
20DRGS5
DIMENSIONS IN INCHES/mm
D
V
E


Similar Part No. - 20DRGG5

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
20DRGG5 DELTA-20DRGG5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
20DRGG5 DELTA-20DRGG5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
20DRGG5 DELTA-20DRGG5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
20DRGG5 DELTA-20DRGG5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
20DRGG5 DELTA-20DRGG5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
More results

Similar Description - 20DRGG5

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03DRCW5 DELTA-03DRCW5 Datasheet
289Kb / 3P
   HIGH PERFORMANCE FILTERS
03DRCG5 DELTA-03DRCG5 Datasheet
289Kb / 3P
   HIGH PERFORMANCE FILTERS
10DRCW5 DELTA-10DRCW5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
20DRGS5 DELTA-20DRGS5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
05DRCW5 DELTA-05DRCW5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
10DRCG5 DELTA-10DRCG5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
20DRGG5 DELTA-20DRGG5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
03KEEG3DA DELTA-03KEEG3DA Datasheet
91Kb / 1P
   HIGH PERFORMANCE IEC CONNECTOR FILTERS
01GEEG3E DELTA-01GEEG3E Datasheet
569Kb / 3P
   HIGH PERFORMANCE IEC CONNECTOR FILTERS
KEN DELTA-KEN Datasheet
163Kb / 1P
   HIGH PERFORMANCE SNAP-IN FILTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com