Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F1G08U0M Datasheet(PDF) 22 Page - Samsung semiconductor

Part # K9F1G08U0M
Description  128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1G08U0M Datasheet(HTML) 22 Page - Samsung semiconductor

Back Button K9F1G08U0M Datasheet HTML 18Page - Samsung semiconductor K9F1G08U0M Datasheet HTML 19Page - Samsung semiconductor K9F1G08U0M Datasheet HTML 20Page - Samsung semiconductor K9F1G08U0M Datasheet HTML 21Page - Samsung semiconductor K9F1G08U0M Datasheet HTML 22Page - Samsung semiconductor K9F1G08U0M Datasheet HTML 23Page - Samsung semiconductor K9F1G08U0M Datasheet HTML 24Page - Samsung semiconductor K9F1G08U0M Datasheet HTML 25Page - Samsung semiconductor K9F1G08U0M Datasheet HTML 26Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
FLASH MEMORY
22
K9F1G08D0M
K9F1G16Q0M
K9F1G08U0M
K9F1G16U0M
K9F1G08Q0M
K9F1G16D0M
Read Operation(Intercepted by CE)
CE
CLE
R/B
WE
ALE
RE
Busy
00h
Dout N
Dout N+1
Dout N+2
Row Address
Column Address
tWB
tAR
tCHZ
tR
tRR
tRC
30h
Read Operation
CE
CLE
R/B
WE
ALE
RE
Busy
00h
Col. Add1
Col. Add2
Row Add1
Dout N
Dout N+1
Column Address
Row Address
tWB
tAR
tR
tRC
tRHZ
tRR
Dout M
tWC
Row Add2
30h
tCLR
I/Ox
I/Ox
Col. Add1
Col. Add2
Row Add1
Row Add2
tOH
tOH


Similar Part No. - K9F1G08U0M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1G08U0M SAMSUNG-K9F1G08U0M Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
K9F1G08U0M-FCB0 SAMSUNG-K9F1G08U0M-FCB0 Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
K9F1G08U0M-FIB0 SAMSUNG-K9F1G08U0M-FIB0 Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
K9F1G08U0M-PCB0 SAMSUNG-K9F1G08U0M-PCB0 Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
K9F1G08U0M-PIB0 SAMSUNG-K9F1G08U0M-PIB0 Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
More results

Similar Description - K9F1G08U0M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K2G08U0M SAMSUNG-K9K2G08U0M Datasheet
680Kb / 39P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9K2G08U0M-VCB0 SAMSUNG-K9K2G08U0M-VCB0 Datasheet
734Kb / 38P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9W4G08U1M SAMSUNG-K9W4G08U1M Datasheet
641Kb / 40P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com