Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3302E Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3302E
Description  USB On-the-Go Transceiver and Charge Pump
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3302E Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3302E Datasheet HTML 5Page - Maxim Integrated Products MAX3302E Datasheet HTML 6Page - Maxim Integrated Products MAX3302E Datasheet HTML 7Page - Maxim Integrated Products MAX3302E Datasheet HTML 8Page - Maxim Integrated Products MAX3302E Datasheet HTML 9Page - Maxim Integrated Products MAX3302E Datasheet HTML 10Page - Maxim Integrated Products MAX3302E Datasheet HTML 11Page - Maxim Integrated Products MAX3302E Datasheet HTML 12Page - Maxim Integrated Products MAX3302E Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
USB On-the-Go Transceivers and Charge Pumps
_______________________________________________________________________________________
9
Pin Description
PIN
MAX3302E
28-PIN TQFN
MAX3301E
32-PIN TQFN
UCSP
NAME
FUNCTION
12
D2
DAT_VP
System-Side Data Input/Output. DAT_VP is an input if
OE/INT is logic 0.
DAT_VP is an output if
OE/INT is logic 1. Program the function of DAT_VP
with the dat_se0 bit (bit 2 of control register 1, see Table 7).
2, 25
3, 29
D1,
E3
VCC
Input Power Supply. Connect a +3V to +4.5V supply to VCC and bypass to
GND with a 1µF capacitor. The supply range enables direct powering from
one Li+ battery.
3, 9, 23
1, 4, 9, 12, 17,
25, 28
—N.C.
No Connection. Not internally connected.
45
C1
C-
Charge-Pump Flying-Capacitor Negative Terminal
56
C2
SE0_VM
System-Side Data Input/Output. SE0_VM is an input if
OE/INT is logic 0.
SE0_VM is an output if
OE/INT is logic 1. Program the function of SE0_VM
with the dat_se0 bit (bit 2 of control register 1, see Table 7).
6, 18
7, 21
B1,
C5
GND
Ground
78
A1
SDA
I2C-Compatible Serial Data Interface. Open-drain data input/output.
810
B2
SCL
I2C-Compatible Serial Clock Input
10
11
A2
OE/INT
Output Enable.
OE/INT controls the input or output status of DAT_VP/SE0_VM
and D+/D-. When
OE/INT is logic 0, the device is in transmit mode. When
OE/INT is logic 1, the device is in receive mode. When in suspend mode,
OE/INT can be programmed to function as an interrupt output that detects the
same interrupts as
INT. The oe_int_en bit (bit 5 of control register 1, see Table
7) enables and disables the interrupt circuitry of
OE/INT. The irq_mode bit (bit 1
of special-function register 2, see Table 15) programs the output configuration
of
INT and OE/INT as open-drain or push-pull.
11
13
A3
RCV
D+ and D- Differential Receiver Output. In receive mode (see Table 4), when
D+ is high and D- is low, RCV is high. In receive mode, when D+ is low and
D- is high, RCV is low. RCV is low in suspend mode.
12
14
B3
SPD
Speed-Selector Input. Connect SPD to GND to select the low-speed data rate
(1.5Mbps). Connect SPD to VL to select the full-speed data rate (12Mbps).
Disable the SPD input by writing a 1 to spd_susp_ctl (bit 1 in special-function
register 1, see Table 14). The speed bit (bit 0 of control register 1, see Table
7) determines the maximum data rate of the MAX3301E/MAX3302E when the
SPD input is disabled.
13
15
A4
VL
System-Side Logic-Supply Input. Connect to the system’s logic-level power
supply, +1.65V to +3.6V. This sets the maximum output levels of the logic
outputs and the input thresholds of the logic inputs. Bypass to GND with a
0.1µF capacitor.
14
16
A5
SUS
Active-High Suspend Input. Drive SUS low for normal USB operation. Drive
SUS high to enable suspend mode. RCV asserts low in suspend mode.
Disable the SUS input by writing a 1 to spd_susp_ctl (bit 1 in special-function
register 1, see Table 14). The suspend bit (bit 1 of control register 1, see
Table 7) determines the operating mode of the MAX3301E/MAX3302E when
the SUS input is disabled.


Similar Part No. - MAX3302E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX33011E MAXIM-MAX33011E Datasheet
2Mb / 9P
   Signal/function generator that can generate 2.5MHz square wave signal
Rev 1; 4/21
MAX33011E MAXIM-MAX33011E Datasheet
2Mb / 9P
   5V, 500mA DC power supply
Rev 1; 4/21
MAX33011E MAXIM-MAX33011E Datasheet
413Kb / 22P
   5V, 5Mbps CAN Transceiver with 짹65V Fault Protection, Fault Detection and Reporting, 짹25V CMR, and 짹45kV ESD Protection
2021
MAX33011EASA++ MAXIM-MAX33011EASA+ Datasheet
413Kb / 22P
   5V, 5Mbps CAN Transceiver with 짹65V Fault Protection, Fault Detection and Reporting, 짹25V CMR, and 짹45kV ESD Protection
2021
MAX33012E MAXIM-MAX33012E Datasheet
2Mb / 9P
   Signal/function generator that can generate 2.5MHz square wave signal
Rev 1; 4/21
More results

Similar Description - MAX3302E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3353E MAXIM-MAX3353E Datasheet
370Kb / 21P
   USB On-the-Go Charge Pump with Switchable Pullup/Pulldown Resistors
Rev 1; 10/03
MAX3355E MAXIM-MAX3355E Datasheet
276Kb / 11P
   /-15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP
Rev 1; 8/03
logo
Freescale Semiconductor...
MC13883 FREESCALE-MC13883 Datasheet
343Kb / 2P
   Integrated Charger, USB On-the-Go Transceiver and Carkit Interface
logo
STMicroelectronics
STULPI01A STMICROELECTRONICS-STULPI01A_08 Datasheet
606Kb / 44P
   High speed USB On-The-Go ULPI transceiver
STULPI01A STMICROELECTRONICS-STULPI01A_12 Datasheet
1Mb / 44P
   High-speed USB On-The-Go ULPI transceiver
logo
List of Unclassifed Man...
ISP1507A ETC2-ISP1507A Datasheet
1Mb / 81P
   ULPI Hi-Speed USB On-The-Go transceiver
logo
ON Semiconductor
NCP1855 ONSEMI-NCP1855_16 Datasheet
344Kb / 26P
   Path Management and USB On-The-Go Support
January, 2016 ??Rev. 0
logo
GENESYS LOGIC
GL824 GENESYS-GL824 Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
logo
Cypress Semiconductor
CY7C67200 CYPRESS-CY7C67200_04 Datasheet
97Kb / 7P
   EZ-OTG??Programmable USB On-The-Go
CY7C67200 CYPRESS-CY7C67200_06 Datasheet
1Mb / 78P
   EZ-OTG??Programmable USB On-The-Go
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com