Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3301E Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3301E
Description  USB On-the-Go Transceiver and Charge Pump
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3301E Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3301E Datasheet HTML 4Page - Maxim Integrated Products MAX3301E Datasheet HTML 5Page - Maxim Integrated Products MAX3301E Datasheet HTML 6Page - Maxim Integrated Products MAX3301E Datasheet HTML 7Page - Maxim Integrated Products MAX3301E Datasheet HTML 8Page - Maxim Integrated Products MAX3301E Datasheet HTML 9Page - Maxim Integrated Products MAX3301E Datasheet HTML 10Page - Maxim Integrated Products MAX3301E Datasheet HTML 11Page - Maxim Integrated Products MAX3301E Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.2
0.4
0.6
0.8
1.0
0
-40
85
VBUS OFF
FULL-SPEED IDLE
VCC = 3.3V
VCC = 4.2V
DRIVER DISABLE DELAY
(LOW-SPEED MODE)
MAX3301E toc14
10ns/div
D+
1V/div
D-
1V/div
OE/INT
1V/div
DRIVER ENABLE DELAY
(LOW-SPEED MODE)
MAX3301E toc13
100ns/div
D-
1V/div
D+
1V/div
CD+ = CD- = 400pF
OE/INT
1V/div
DRIVER DISABLE DELAY
(FULL-SPEED MODE)
MAX3301E toc12
10ns/div
D+
1V/div
D-
1V/div
OE/INT
1V/div
DRIVER ENABLE DELAY
(FULL-SPEED MODE)
MAX3301E toc11
10ns/div
D-
1V/div
D+
1V/div
OE/INT
1V/div
DRIVER PROPAGATION DELAY LOW-TO-HIGH
(FULL-SPEED MODE)
MAX3301E toc10
4ns/div
D-
1V/div
D+
1V/div
DAT_VP
1V/div
USB On-the-Go Transceivers and Charge Pumps
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Typical operating circuit, VCC = +3.7V, VL = +2.5V, CFLYING = 100nF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX3301E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX33011E MAXIM-MAX33011E Datasheet
2Mb / 9P
   Signal/function generator that can generate 2.5MHz square wave signal
Rev 1; 4/21
MAX33011E MAXIM-MAX33011E Datasheet
2Mb / 9P
   5V, 500mA DC power supply
Rev 1; 4/21
MAX33011E MAXIM-MAX33011E Datasheet
413Kb / 22P
   5V, 5Mbps CAN Transceiver with 짹65V Fault Protection, Fault Detection and Reporting, 짹25V CMR, and 짹45kV ESD Protection
2021
MAX33011EASA++ MAXIM-MAX33011EASA+ Datasheet
413Kb / 22P
   5V, 5Mbps CAN Transceiver with 짹65V Fault Protection, Fault Detection and Reporting, 짹25V CMR, and 짹45kV ESD Protection
2021
MAX33012E MAXIM-MAX33012E Datasheet
2Mb / 9P
   Signal/function generator that can generate 2.5MHz square wave signal
Rev 1; 4/21
More results

Similar Description - MAX3301E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3353E MAXIM-MAX3353E Datasheet
370Kb / 21P
   USB On-the-Go Charge Pump with Switchable Pullup/Pulldown Resistors
Rev 1; 10/03
MAX3355E MAXIM-MAX3355E Datasheet
276Kb / 11P
   /-15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP
Rev 1; 8/03
logo
Freescale Semiconductor...
MC13883 FREESCALE-MC13883 Datasheet
343Kb / 2P
   Integrated Charger, USB On-the-Go Transceiver and Carkit Interface
logo
STMicroelectronics
STULPI01A STMICROELECTRONICS-STULPI01A_08 Datasheet
606Kb / 44P
   High speed USB On-The-Go ULPI transceiver
STULPI01A STMICROELECTRONICS-STULPI01A_12 Datasheet
1Mb / 44P
   High-speed USB On-The-Go ULPI transceiver
logo
List of Unclassifed Man...
ISP1507A ETC2-ISP1507A Datasheet
1Mb / 81P
   ULPI Hi-Speed USB On-The-Go transceiver
logo
ON Semiconductor
NCP1855 ONSEMI-NCP1855_16 Datasheet
344Kb / 26P
   Path Management and USB On-The-Go Support
January, 2016 ??Rev. 0
logo
GENESYS LOGIC
GL824 GENESYS-GL824 Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
logo
Cypress Semiconductor
CY7C67200 CYPRESS-CY7C67200_04 Datasheet
97Kb / 7P
   EZ-OTG??Programmable USB On-The-Go
CY7C67200 CYPRESS-CY7C67200_06 Datasheet
1Mb / 78P
   EZ-OTG??Programmable USB On-The-Go
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com