Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K3S7V2000M-TC30 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K3S7V2000M-TC30
Description  64M-Bit (4Mx16 /2Mx32) Synchronous MASKROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K3S7V2000M-TC30 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K3S7V2000M-TC30 Datasheet HTML 5Page - Samsung semiconductor K3S7V2000M-TC30 Datasheet HTML 6Page - Samsung semiconductor K3S7V2000M-TC30 Datasheet HTML 7Page - Samsung semiconductor K3S7V2000M-TC30 Datasheet HTML 8Page - Samsung semiconductor K3S7V2000M-TC30 Datasheet HTML 9Page - Samsung semiconductor K3S7V2000M-TC30 Datasheet HTML 10Page - Samsung semiconductor K3S7V2000M-TC30 Datasheet HTML 11Page - Samsung semiconductor K3S7V2000M-TC30 Datasheet HTML 12Page - Samsung semiconductor K3S7V2000M-TC30 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
K3S7V2000M-TC
Synch. MROM
CLOCK (CLK)
The clock input is used as a reference for SMROM operation. A square wave signal(CLK) must be applied externally at cycle time
tCC. All operations are synchronized to the rising edge of the clock. The clock transitions must be monotonic between VIL and VIH.
During operation with CKE high, all inputs are assumed to be in valid state (low or high) for the duration of set-up and hold time
around the positive edge of the clock for proper functionality and ICC specifications.
CLOCK ENABLE (CKE)
The clock enable(CKE) gates the clock into the SMROM and is asserted high during all cycles, except for power down, stand-by and
clock suspend mode. If CKE goes low synchronously with clock (set-up and hold time same as other inputs), the internal clock is sus-
pended from the next clock cycle and the state of output and burst address is frozen for as long as the CKE remains low. All other
inputs are ignored from the next clock cycle after CKE goes low. The SMROM remains in the power down mode ignoring other inputs
for as long as CKE remains low. The power down exit is synchronous as the internal clock is suspended. When CKE goes high at
least "1 CLK + tSS" before the rising edge of the clock, then the SMROM becomes active from the same clock edge accepting all the
input commands.
NOP and DEVICE DESELECT
When RAS, CAS and MR are high, the SMROM performs no operation (NOP). NOP does not initiate any new operation. Device
deselect is also a NOP and is entered by asserting CS high. CS high disables the command decoder so that RAS, CAS, MR and all
the address inputs are ignored. In addition, entering a mode register set command in the middle of a normal operation, results in an
illegal state in SMROM.
POWER-UP
The following power-up sequence is recommended.
1. Apply power and start clock, Attempt to maintain MR, CKE and DQM inputs to pull them high and the other pins are NOP condition
at the inputs before or along with VDD(and VDDQ) supply.
2. Maintain stable power, stable clock and NOP input condition for a minimum of 20us.
3. When user wants to change the default mode register set values, perform a MODE REGISTER SET cycle to program the RAS
latency, CAS latency, burst length and burst type.
4. At the end of three clock cycles after the mode register set cycle, the device is ready for operation. When the above sequence is
used for power-up, all outputs will be in high impedance state. The high impedance of outputs is not guaranteed in any other
power-up sequence.
MODE SELECTION CONTROL
Mode selection control is decided simultaneously with column access, and according to WORD pin voltage level. High level signifies
double word mode(x32) and low level signifies word mode(x16).
ADDRESS DECODING
The address bits required to decode one of the available cell locations out of the total depth are multiplexed onto the address select
pins and latched by externally applying two commands. The first command, RAS asserted low, latches the row address into the
device. A second command, CAS asserted low, subsequently latches the column address.
DEVICE OPERATIONS


Similar Description - K3S7V2000M-TC30

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM23C64000T SAMSUNG-KM23C64000T Datasheet
71Kb / 4P
   64M-Bit (8Mx8 /4Mx16) CMOS MASK ROM
K3P7V1000 SAMSUNG-K3P7V1000 Datasheet
62Kb / 4P
   64M-Bit (8Mx8 /4Mx16) CMOS MASK ROM
logo
Hynix Semiconductor
HY5DV641622AT HYNIX-HY5DV641622AT Datasheet
276Kb / 27P
   64M(4Mx16) DDR SDRAM
logo
FIDELIX
CMS6416LAX-15EX FIDELIX-CMS6416LAX-15EX Datasheet
1Mb / 46P
   64M(4Mx16) Low Power SDRAM
CMS6416LAX-75XX FIDELIX-CMS6416LAX-75XX Datasheet
1Mb / 46P
   64M(4Mx16) Low Power SDRAM
logo
Mitsubishi Electric Sem...
M2V64S20BTP-7 MITSUBISHI-M2V64S20BTP-7 Datasheet
674Kb / 52P
   64M bit Synchronous DRAM
M2V64S20BTP-6 MITSUBISHI-M2V64S20BTP-6 Datasheet
655Kb / 52P
   64M bit Synchronous DRAM
logo
Emerging Memory & Logic...
EMC646SP16J EMLSI-EMC646SP16J Datasheet
602Kb / 65P
   4Mx16 bit CellularRAM
logo
Mitsubishi Electric Sem...
M2V64S20DTP-6 MITSUBISHI-M2V64S20DTP-6 Datasheet
426Kb / 51P
   64M Synchronous DRAM
logo
Elpida Memory
UPD4564163 ELPIDA-UPD4564163 Datasheet
919Kb / 85P
   64M-bit Synchronous DRAM 4-bank, LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com