Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXP74.07.0100A Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # FXP74.07.0100A
Description  Flexible, Ultra Low Profile
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXP74.07.0100A Datasheet(HTML) 2 Page - Taoglas antenna solutions

  FXP74.07.0100A Datasheet HTML 1Page - Taoglas antenna solutions FXP74.07.0100A Datasheet HTML 2Page - Taoglas antenna solutions FXP74.07.0100A Datasheet HTML 3Page - Taoglas antenna solutions FXP74.07.0100A Datasheet HTML 4Page - Taoglas antenna solutions FXP74.07.0100A Datasheet HTML 5Page - Taoglas antenna solutions FXP74.07.0100A Datasheet HTML 6Page - Taoglas antenna solutions FXP74.07.0100A Datasheet HTML 7Page - Taoglas antenna solutions FXP74.07.0100A Datasheet HTML 8Page - Taoglas antenna solutions FXP74.07.0100A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SPE-12-8-137/E/OH
Page 2 of 14
US Patent #9214732
1.Introduction
The FXP.74 Black Diamond is a small ultra-low profile antenna for 2.4GHz band that
includes Bluetooth, Zigbee and Wi-Fi single band application. The FXP.74 has a peak
gain of 4dBi at 2.4GHz and efficiencies of above 50%.
This Taoglas patent granted antenna is unique in the market with exceptionally stable
performance different applications. It is made from a flexible polymer, has a tiny form
factor (14mm*7.0mm*0.1mm) and has double-sided 3M tape for easy and robust “peel
and stick” mounting.
The FXP.74 is the ideal all-round antenna solution for fitting into narrow spaces and still
maintaining high performance, for example on the inside top or adjacent side applied
directly to the plastic housing of LCD monitors, tablets, smartphones, small AP routers,
etc.
Many module manufacturers specify peak gain limits for any antennas that are to be
connected to that module. Those peak gain limits are based on free-space conditions.
In practice, the peak gain of an antenna tested in free-space can degrade by at least 1
or 2dBi when put inside a device. So ideally you should go for a slightly higher peak
gain antenna than mentioned on the module specification to compensate for this effect,
giving you better performance.
Upon testing of any of our antennas with your device and a selection of appropriate
layout, integration technique, or cable, Taoglas can make sure any of our antennas’
peak gain will be below the peak gain limits. Taoglas can then issue a specification
and/or report for the selected antenna in your device that will clearly show it complying
with the peak gain limits, so you can be assured you are meeting regulatory
requirements for that module.


Similar Part No. - FXP74.07.0100A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXP74070100A ETC2-FXP74070100A Datasheet
1Mb / 13P
   FXP.74 Black Diamond 2.4GHz Antenna
More results

Similar Description - FXP74.07.0100A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXR.08.A TAOGLAS-FXR.08.A Datasheet
1Mb / 10P
   Flexible Low Profile Embedded
FXR.06.A TAOGLAS-FXR.06.A Datasheet
1Mb / 10P
   Flexible Low Profile Embedded
FXR.05.A TAOGLAS-FXR.05.A Datasheet
1Mb / 10P
   Flexible Low Profile Embedded
logo
Microchip Technology
SM813XXX MICROCHIP-SM813XXX Datasheet
477Kb / 21P
   Flexible Ultra-Low Jitter Clock Synthesizer
07/14/15
logo
Micrel Semiconductor
SM803020 MICREL-SM803020 Datasheet
941Kb / 14P
   Flexible Ultra-Low Jitter Clock Synthesizer
logo
Taoglas antenna solutio...
FXR.08.52.0075X.A TAOGLAS-FXR.08.52.0075X.A Datasheet
5Mb / 10P
   Flexible Low Profile Embedded Antenna
FXR.07.52.0075X.A TAOGLAS-FXR.07.52.0075X.A Datasheet
4Mb / 11P
   Flexible Low Profile Embedded Antenna
FXR.06.52.0075X.A TAOGLAS-FXR.06.52.0075X.A Datasheet
2Mb / 10P
   Flexible Low Profile Embedded Antenna
logo
List of Unclassifed Man...
701960-6WS241 ETC2-701960-6WS241 Datasheet
276Kb / 1P
   Low-profile, flexible strip lighting
logo
Taoglas antenna solutio...
PC140.07.0100A TAOGLAS-PC140.07.0100A Datasheet
4Mb / 14P
   Ultra Low Profile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com