Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX1262NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # TX1262NL
Description  T1/E1/CEPT/ISDN-PRI TRANSFORMER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

TX1262NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  TX1262NL Datasheet HTML 1Page - Pulse A Technitrol Company TX1262NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T1/E1/CEPT/ISDN-PRI TRANSFORMER
Quad Port SMT Transformer/Choke Modules,
1500 Vrms, Extended Temperature Range
RoHS peak reflow temperature rating: 245°C
Optimized for enhanced EMC performance
Quad-port SMT package contains Transformers
with optional Common Mode Chokes on both
transmit and receive channels
Extended temperature range
Isolation Voltage: 1500 Vrms
Electrical Specifications @ 25°C — Operating Temperature -40°C to +85°C
NOTES: 1. Other Transformer/Choke modules available. Please contact Pulse Applications Engineering. Please refer to data sheet T622 for a list of
additional Octal Transformers without Common Mode Chokes.
2. RoHS compliant parts have an “NL” suffix at the end of the part number, TX1267NL.
3. To order Tape & Reel packaging add a “T” suffix to the part number (i.e. TX1263NL becomes TX1263NLT).
RoHS Compliant
Turns Ratio
Line Side
Cw/w
Primary Pins
Part Number
(Pri:Sec ±2%)
OCL
(pF MAX)
w/CMC
wo/CMC
TX
RX
(mH MIN)
TX
RX
TX1263NL TX1262NL
1:2
1:2
1.2
35
1-2, 6-7, 11-12, 16-17
3-4, 8-9, 13-14, 18-19
TX1267NL TX1266NL
1:2
1:1
1.2
35
1-3, 6-8, 11-13, 16-18
4-5, 9-10, 14-15, 19-20
www.pulseelectronics.com
)
1
1
/
1
(
F
.
2
8
6
T
1
c
it
a
m
e
h
c
S
l
a
c
i
n
a
h
c
e
M
TX1263NL / 1267NL
Weight.................5.0 grams
Tape & Reel........... 250/reel
Tube ....................... 15/tube
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
USA 858 674 8100 Germany 49 7032 7806 0 Singapore 65 6287 8998 Shanghai 86 21 62787060 China 86 755 33966678 Taiwan 886 3 4356768
TX1263NL
TX1267NL


Similar Part No. - TX1262NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
TX1262NL PULSE-TX1262NL Datasheet
601Kb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
TX1262NL PULSE-TX1262NL Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
TX1262NL PULSE-TX1262NL Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
TX1262NL PULSE-TX1262NL Datasheet
154Kb / 8P
   TRANSFORMERS
TX1262NL PULSE-TX1262NL Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
More results

Similar Description - TX1262NL

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S1312 BOTHHAND-S1312 Datasheet
71Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
S1313 BOTHHAND-S1313 Datasheet
77Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1064 BOTHHAND-4S1064 Datasheet
78Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1071 BOTHHAND-4S1071 Datasheet
82Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1073 BOTHHAND-4S1073 Datasheet
76Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1126 BOTHHAND-4S1126 Datasheet
85Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1142 BOTHHAND-4S1142 Datasheet
65Kb / 1P
   T1/CEPT/E1/ISDN-PRI TRANSFORMER
S1096 BOTHHAND-S1096 Datasheet
52Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
S1035 BOTHHAND-S1035 Datasheet
56Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1124 BOTHHAND-4S1124 Datasheet
66Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1473M BOTHHAND-4S1473M Datasheet
101Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com