Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C420C105K2R5TA7293 Datasheet(PDF) 11 Page - Kemet Corporation

Part # C420C105K2R5TA7293
Description  Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C420C105K2R5TA7293 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button C420C105K2R5TA7293 Datasheet HTML 7Page - Kemet Corporation C420C105K2R5TA7293 Datasheet HTML 8Page - Kemet Corporation C420C105K2R5TA7293 Datasheet HTML 9Page - Kemet Corporation C420C105K2R5TA7293 Datasheet HTML 10Page - Kemet Corporation C420C105K2R5TA7293 Datasheet HTML 11Page - Kemet Corporation C420C105K2R5TA7293 Datasheet HTML 12Page - Kemet Corporation C420C105K2R5TA7293 Datasheet HTML 13Page - Kemet Corporation C420C105K2R5TA7293 Datasheet HTML 14Page - Kemet Corporation C420C105K2R5TA7293 Datasheet HTML 15Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1041_AXIMAX_X7R • 1/10/2017 11
Axial Leaded Multilayer Ceramic Capacitors
Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 – 250 VDC (Commercial Grade)
Table 2 – Performance & Reliability: Test Methods and Conditions
Stress
Reference
Test or Inspection Method
Solderability
J-STD-002
Magnification50X.Conditions:
a)MethodA,at235°C,Category3
Temperature Cycling
JESD22MethodJA-104
5cycles(−55°Cto+125°C),measurementat24hours+/−4hoursaftertestconclusion.
BiasedHumidity
MIL-STD-202Method103
Loadhumidity,1,000hours85°C/85%RHandratedvoltage.Add100Kohmresistor.
Measurementat24hours+/−4hoursaftertestconclusion.
Lowvolthumidity,1,000hours85C°/85%RHand1.5V.Add100Kohmresistor.
Measurementat24hours+/−4hoursaftertestconclusion.
Moisture Resistance
MIL-STD-202Method106 t=24hours/cycle.Steps7a&7bnotrequired.Unpowered.Measurementat24hours+/−4
hoursaftertestconclusion.
ThermalShock
MIL-STD-202Method107 −55ºCto+125°C.Note:Numberofcyclesrequired=300.Maximumtransfertime=20
seconds.Dwelltime−15minutes.Air–Air.
HighTemperatureLife MIL-STD-202Method108
/ EIA -198
1,000hoursat125°C(85°CforZ5U)with1Xratedvoltageapplied.
StorageLife
MIL-STD-202Method108 125°C,0VDCfor1,000hours.
Vibration
MIL-STD-202Method204
5gfor20minutes,12cycleseachof3orientations.Note:Use8"X5"PCB.031"thick7
secure points on one long side and 2 secure points at corners of opposite sides. Parts
mountedwithin2"fromanysecurepoint.Testfrom10-2000Hz.
Resistance to Soldering
Heat
MIL-STD-202Method210 ConditionB.Nopreheatofsamples.Note:singlewavesolder–procedure2.
TerminalStrength
MIL-STD-202Method211 ConditionsA(454g),ConditionC(227g)
MechanicalShock
MIL-STD-202Method213 Figure1ofMethod213,ConditionC.
Resistance to Solvents MIL-STD-202Method215 Addaqueouswashchemical–OKEMCleanorequivalent.
Storage & Handling
Theun-mountedstoragelifeofaleadedceramiccapacitorisdependentuponstorageandatmosphericconditionsas
wellaspackagingmaterials.Whiletheceramicchipsenvelopedundertheepoxycoatingthemselvesarequiterobust
inmostenvironments,solderabilityofthewireleadonthefinalepoxy-coatedproductwillbedegradedbyexposureto
hightemperatures,highhumidity,corrosiveatmospheres,andlongtermstorage.Inaddition,packagingmaterialswillbe
degradedbyhightemperatureandexposuretodirectsunlight–reelsmaysoftenorwarp,andtapepeelforcemayincrease.
KEMETrecommendsstoringtheun-mountedcapacitorsintheiroriginalpackaging,inalocationawayfromdirectsunlight,
andwherethetemperatureandrelativehumiditydonotexceed40degreescentigradeand70%respectively.Foroptimum
solderability,capacitorstockshouldbeusedpromptly,preferablywithin18monthsofreceipt.Forapplicationsrequiring
pre-tinningofcomponents,storagelifemaybeextendedifsolderabilityisverified.Beforecleaning,bondingormoldingthese
devices,itisimportanttoverifythatyourprocessdoesnotaffectproductqualityandperformance.KEMETrecommends
testingandevaluatingtheperformanceofacleaned,bondedormoldedproductpriortoimplementingand/orqualifyingany
oftheseprocesses.


Similar Part No. - C420C105K2R5TA7293

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C420C105K2R5TA9170 KEMET-C420C105K2R5TA9170 Datasheet
2Mb / 12P
   Axial Leaded Multilayer Ceramic Capacitors
More results

Similar Description - C420C105K2R5TA7293

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200_17 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
C410C105M3U5TA7200 KEMET-C410C105M3U5TA7200 Datasheet
2Mb / 14P
   Aximax, 400, Conformally Coated, Z5U Dielectric, 25 and 250 VDC (Commercial Grade)
C410C105K3N5TA7200 KEMET-C410C105K3N5TA7200 Datasheet
2Mb / 9P
   Aximax, 400 Series, Axial, Conformally Coated, X8L Dielectric, 25 - 50 VDC (Commercial & Automotive Grade)
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C410C472J5H5TA7200 KEMET-C410C472J5H5TA7200 Datasheet
2Mb / 10P
   Aximax, 400 Series, Axial, Conformally Coated, Ultra-Stable X8R Dielectric, 50 - 200 VDC (Commercial & Automotive Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com