Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTK62N25 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTK62N25
Description  High Current MegaMOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTK62N25 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTK62N25 Datasheet HTML 1Page - IXYS Corporation IXTK62N25 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2002 IXYS All rights reserved
Advance Technical Information
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min. Typ.
Max.
V
DSS
V
GS
= 0 V, I
D = 1 mA
250
V
V
GS(th)
V
DS
= V
GS, ID = 250 µA2.0
4.0
V
I
GSS
V
GS
= ±20 V DC, V
DS = 0
±100
nA
I
DSS
V
DS
= V
DSS
T
J = 25°C
50
µA
V
GS
= 0 V
T
J = 125°C
2
mA
R
DS(on)
V
GS
= 10 V, I
D = 0.5 ID25
35 m
Pulse test, t
≤ 300 ms, duty cycle d ≤ 2%
Features
Low R
DS (on) HDMOS
TM process
Ruggedpolysilicongatecellstructure
Internationalstandardpackage
Fastswitchingtimes
Applications
Motorcontrols
DC choppers
Switched-mode power supplies
Advantages
Easy to mount with one screw
(isolated mounting screw hole)
Space savings
High power density
98877A (02/02)
High Current
MegaMOSTMFET
N-Channel Enhancement Mode
Symbol
Test conditions
Maximum ratings
V
DSS
T
J
= 25°C to 150°C
250
V
V
DGR
T
J
= 25°C to 150°C; R
GS = 1.0 MΩ
250
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C62
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
248
A
I
AR
T
C
= 25
°C62
A
E
AR
T
C
= 25
°C45
mJ
E
AS
T
C
= 25
°C1.5
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
390
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in.) from case for 10 s
300
°C
M
d
Mounting torque
0.7/6
Nm/lb.in.
Weight
TO-264
10
g
TO-264 AA (IXTK)
S
G
D
D (TAB)
G = Gate
D
= Drain
S = Source
Tab = Drain
IXTK 62N25
V
DSS
= 250
V
I
D25
=
62
A
R
DS(on)
=
35 m


Similar Part No. - IXTK62N25

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTK600N04T2 IXYS-IXTK600N04T2 Datasheet
216Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXTK60N50L2 IXYS-IXTK60N50L2 Datasheet
164Kb / 5P
   LinearL2 Power MOSFET w/Extended FBSOA
logo
Inchange Semiconductor ...
IXTK60N50L2 ISC-IXTK60N50L2 Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXTK62N25

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTK74N20 IXYS-IXTK74N20 Datasheet
320Kb / 2P
   High Current MegaMOSFET
IXTK250N10 IXYS-IXTK250N10 Datasheet
69Kb / 2P
   High Current MegaMOSFET
IXTK33N50 IXYS-IXTK33N50 Datasheet
85Kb / 4P
   High Current MegaMOSFET
IXTK120N25 IXYS-IXTK120N25 Datasheet
85Kb / 2P
   High Current MegaMOSFET
IXTH67N10 IXYS-IXTH67N10 Datasheet
111Kb / 4P
   MegaMOSFET
IXTH14N80 IXYS-IXTH14N80 Datasheet
80Kb / 4P
   MegaMOSFET
IXTH11N80 IXYS-IXTH11N80 Datasheet
98Kb / 4P
   MegaMOSFET
IXTH24N50 IXYS-IXTH24N50 Datasheet
107Kb / 4P
   MegaMOSFET
VMO400-02F IXYS-VMO400-02F Datasheet
85Kb / 4P
   MegaMOSFET Module
logo
Texas Instruments
OPA544 TI1-OPA544_13 Datasheet
180Kb / 11P
[Old version datasheet]   High-Voltage, High-Current High-Voltage, High-Current
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com