Electronic Components Datasheet Search |
|
C410C105M3R5TA7293 Datasheet(PDF) 6 Page - Kemet Corporation |
|
C410C105M3R5TA7293 Datasheet(HTML) 6 Page - Kemet Corporation |
6 / 15 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1041_AXIMAX_X7R • 1/10/2017 6 Axial Leaded Multilayer Ceramic Capacitors Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 – 250 VDC (Commercial Grade) Table 1A – C410 Style/Size, Capacitance Range Waterfall cont'd Table 1B – C412 Style/Size, Capacitance Range Waterfall C412 Style/Size (0.120" Diameter x 0.170" Length) Rated Voltage (VDC) 25 50 100 200 250 Voltage Code 3 5 1 2 A Capacitance Capacitance Tolerance Capacitance Code (Available Capacitance) 470pF J=±5% K=±10% M=±20% 471 471 471 471 471 560pF 561 561 561 561 561 680pF 681 681 681 681 681 820pF 821 821 821 821 821 1000pF 102 102 102 102 102 1200pF 122 122 122 122 122 1500pF 152 152 152 152 152 1800pF 182 182 182 182 182 2200pF 222 222 222 222 222 2700pF 272 272 272 272 272 3300pF 332 332 332 332 332 3900pF 392 392 392 392 392 4700pF 472 472 472 472 472 5600pF 562 562 562 562 562 6800pF 682 682 682 682 682 8200pF 822 822 822 822 822 0.01µF 103 103 103 103 103 0.012µF 123 123 123 123 123 0.015µF 153 153 153 153 153 0.018µF 183 183 183 183 183 0.022µF 223 223 223 223 223 0.027µF 273 273 273 0.033µF 333 333 333 0.039µF 393 393 393 0.047µF 473 473 473 0.056µF 563 563 563 0.068µF 683 683 683 0.082µF 823 823 823 0.1µF 104 104 104 0.12µF 124 124 124 0.15µF 154 154 154 0.18µF 184 184 184 0.22µF 224 224 224 0.27µF 274 274 0.33µF 334 334 0.39µF 394 394 0.47µF 474 474 0.56µF 564 564 0.68µF 684 684 0.82µF 824 1.0µF 105 Rated Voltage (VDC) 25 50 100 200 250 Voltage Code 3 5 1 2 A C410 Style/Size (0.095" Diameter x 0.170" Length) Rated Voltage (VDC) 25 50 100 200 250 Voltage Code 3 5 1 2 A Capacitance Capacitance Tolerance Capacitance Code (Available Capacitance) 0.68µF J=±5% K=±10% M=±20% 684 684 0.82µF 824 1.0µF 105 105 2.2µF 225 Rated Voltage (VDC) 25 50 100 200 250 Voltage Code 3 5 1 2 A |
Similar Part No. - C410C105M3R5TA7293 |
|
Similar Description - C410C105M3R5TA7293 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |